Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M52-LE Fiches technique(PDF) 24 Page - Nuvoton Technology Corporation

No de pièce M52-LE
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M52-LE Fiches technique(HTML) 24 Page - Nuvoton Technology Corporation

Back Button M52-LE Datasheet HTML 20Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 21Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 22Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 23Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 24Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 25Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 26Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 27Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 28Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
NuMicro
M058/M0516 Data Sheet
6.2.5
Whole System Memory Mapping Table
M052/54/58/516
4 GB
0xFFFF_FFFF
|
System Control
0xE000_F000
System Timer Control
0xE000_E000
SCS_BA
0xE000_EFFF
0xE000_E000
0xE000_E00F
|
0x6002_0000
0x6001_FFFF
0x6000_0000
0x5FFF_FFFF
|
0x5020_0000
AHB peripherals
0x501F_FFFF
EBI Control
0x5001_0000
EBI_CTL_BA
0x5000_0000
FMC
0x5000_C000
FLASH_BA
0x4FFF_FFFF
GPIO Control
0x5000_4000
GPIO_BA
Interrupt Multiplexer Control 0x5000_0300
INT_BA
Clock Control
0x5000_0200
CLK_BA
0x4020_0000
System Global Control
0x5000_0000
GCR_BA
0x401F_FFFF
1 GB
0x4000_0000
0x3FFF_FFFF
APB peripherals
UART1 Control
0x4015_0000
UART1_BA
0x2000_1000
PWM4/5/6/7 Control
0x4014_0000
PWMB_BA
0x2000_0FFF
Timer2/Timer3 Control
0x4011_0000
TMR23_BA
ADC Control
0x400E_0000
ADC_BA
UART0 Control
0x4005_0000
UART0_BA
0.5 GB
0x2000_0000
PWM0/1/2/3 Control
0x4004_0000
PWMA_BA
0x1FFF_FFFF
SPI1 Control
0x4003_4000
SPI1_BA
SPI0 Control
0x4003_0000
SPI0_BA
I2C Control
0x4002_0000
I2C_BA
0x0001_0000
Timer0/Timer1 Control
0x4001_0000
TMR01_BA
64 KB on-chip Flash (M0516)
0x0000_FFFF
WDT Control
0x4000_4000
WDT_BA
32 KB on-chip Flash (M058)
0x0000_7FFF
16 KB on-chip Flash (M054)
0x0000_3FFF
0x0000_1FFF
0 GB
0x0000_0000
|
|
APB
8 KB on-chip Flash (M052)
Reserved
Reserved
|
|
4 KB SRAM
(M052/M054/M058/M0516)
Reserved
AHB
Reserved
|
System Control
Reserved
Reserved
EBI
Publication Release Date: May 30, 2011
- 24 -
Revision V2.00


Numéro de pièce similaire - M52-LE

FabricantNo de pièceFiches techniqueDescription
logo
Harwin Plc
M52-040000P0545 HARWIN-M52-040000P0545 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
M52-040000P1045 HARWIN-M52-040000P1045 Datasheet
97Kb / 1P
   1.27MM PITCH SIL SURFACE MOUNT PIN HEADER
M52-040000P1045 HARWIN-M52-040000P1045 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
M52-040000P2045 HARWIN-M52-040000P2045 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
M52-040000P2545 HARWIN-M52-040000P2545 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
More results

Description similaire - M52-LE

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com