Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M52-LE Fiches technique(PDF) 7 Page - Nuvoton Technology Corporation

No de pièce M52-LE
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M52-LE Fiches technique(HTML) 7 Page - Nuvoton Technology Corporation

Back Button M52-LE Datasheet HTML 3Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 4Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 5Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 6Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 7Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 8Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 9Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 10Page - Nuvoton Technology Corporation M52-LE Datasheet HTML 11Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
NuMicro
M058/M0516 Data Sheet
Publication Release Date: May 30, 2011
- 7 -
Revision V2.00
2
FEATURES
Core
ARM
® Cortex-M0 core runs up to 50 MHz.
One 24-bit system timer.
Supports low power sleep mode.
A single-cycle 32-bit hardware multiplier.
NVIC for the 32 interrupt inputs, each with 4-levels of priority.
Supports Serial Wire Debug (SWD) interface and 2 watchpoints/4 breakpoints.
Built-in LDO for Wide Operating Voltage Range: 2.5V to 5.5V
Memory
32KB/64KB Flash memory for program memory (APROM)
4KB Flash memory for data memory (DataFlash)
4KB Flash memory for loader (LDROM)
4KB SRAM for internal scratch-pad RAM (SRAM)
Clock Control
Programmable system clock source
External 4~24 MHz high speed crystal input
Internal 22.1184 MHz high speed oscillator (trimmed to 1% accuracy)
Internal 10 kHz low speed oscillator for Watchdog Timer
PLL allows CPU operation up to the maximum 50MHz
I/O Port
Up to 40 general-purpose I/O (GPIO) pins for LQFP-48 package
Four I/O modes:
Quasi bi-direction


Numéro de pièce similaire - M52-LE

FabricantNo de pièceFiches techniqueDescription
logo
Harwin Plc
M52-040000P0545 HARWIN-M52-040000P0545 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
M52-040000P1045 HARWIN-M52-040000P1045 Datasheet
97Kb / 1P
   1.27MM PITCH SIL SURFACE MOUNT PIN HEADER
M52-040000P1045 HARWIN-M52-040000P1045 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
M52-040000P2045 HARWIN-M52-040000P2045 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
M52-040000P2545 HARWIN-M52-040000P2545 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
More results

Description similaire - M52-LE

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com