Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ISD5116EY Datasheet(Fiches technique) 69 Page - Nuvoton Technology Corporation

Numéro de pièce ISD5116EY
Description  SINGLE-CHIP
Télécharger  90 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 69 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 69 -
Revision 1.42
CRTANA OUT/AUX
OUT
ANA OUT to AUX OUT
Cross Talk
-65
dB
1 kHz 0TLP output
from
ANA
OUT,
with ANA IN AC
coupled to VSSA,
and measured at
AUX OUT
(12)
AUX OUT
(14)
Symbol
Parameters
Min
(2)
Typ
(1(14))
Max
(2)
Units Conditions
VAUX OUT
AUX OUT – Maximum
Output Swing
1.0
V
5k
Ω Load
RL
Minimum Load Impedance
5
K
CL
Maximum Load Capacitance
100
pF
VBIAS
AUX OUT
1.2
VDC
SINAD
SINAD – ANA IN to AUX
OUT
62.5
dB
0TLP ANA IN input,
minimum gain, 5k
load
(12)(13)
ICN(AUX OUT)
Idle Channel Noise – ANA IN
to AUX OUT
-65
dB
Load=5k
(12)(13)
CRTAUX OUT/ANA
OUT
AUX OUT to ANA OUT
Cross Talk
-65
dB
1 kHz 0TLP input to
ANA IN, with MIC
+/- and AUX IN AC
coupled to VSSA,
measured at SP+/-,
load
=
5k
Ω.
Referenced
to
nominal 0TLP @
output
VOLUME CONTROL
(14)
Symbol
Parameters
Min
(2)
Typ
(1)(14)
Max
(2)
Units Conditions
AOUT
Output Gain
-28 to 0
dB
8 steps of 4 dB,
referenced
to
output
Tolerance for each step
-1.0
+1.0
dB
ANA IN 1.0 kHz
0TLP, 6 dB gain
setting
measured
differentially
at
SP+/-




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl