Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISD5116EY Fiches technique(PDF) 52 Page - Nuvoton Technology Corporation

No de pièce ISD5116EY
Description  SINGLE-CHIP
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD5116EY Fiches technique(HTML) 52 Page - Nuvoton Technology Corporation

Back Button ISD5116EY Datasheet HTML 48Page - Nuvoton Technology Corporation ISD5116EY Datasheet HTML 49Page - Nuvoton Technology Corporation ISD5116EY Datasheet HTML 50Page - Nuvoton Technology Corporation ISD5116EY Datasheet HTML 51Page - Nuvoton Technology Corporation ISD5116EY Datasheet HTML 52Page - Nuvoton Technology Corporation ISD5116EY Datasheet HTML 53Page - Nuvoton Technology Corporation ISD5116EY Datasheet HTML 54Page - Nuvoton Technology Corporation ISD5116EY Datasheet HTML 55Page - Nuvoton Technology Corporation ISD5116EY Datasheet HTML 56Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 52 -
Revision 1.42
ANA IN (Analog Input)
The ANA IN pin is the analog input from the telephone chip set. It can be switched (by the I
2C
interface) to the speaker output, the array input or to various other paths. This pin is designed to
accept a nominal 1.11 V p-p when at its minimum gain (6 dB) setting. There is additional gain
available, if required, in 3 dB steps, up to 15 dB. The gain settings are controlled from the I
2C
interface.
ANA IN Input Modes
ANA IN Amplifier Gain Settings
CFG0
Setting
(1)
0TLP Input
VP-P
(3)
AIG1
AIG0
Gain
(2)
Array
In/Out VP-P
Speaker
Out VP-P
(4)
6 dB
1.110
0
0
0.625
0.694
2.22
9 dB
0.785
0
1
0.883
0.694
2.22
12 dB
0.555
1
0
1.250
0.694
2.22
15 dB
0.393
1
1
1.767
0.694
2.22
1.
Gain from ANA IN to SP+/-
2.
Gain from ANA IN to ARRAY IN
3.
0TLP Input is the reference Transmission Level Point that is used for testing. This level is typically 3
dB below clipping
4.
Speaker Out gain set to 1.6 (High). (Differential)
Gain
Setting
Resistor
Ration (Rb/Ra)
Gain
Gain
2
(dB)
00
63.9 / 102
0.625
-4.1
01
77.9 / 88.1
0.88
-1.1
10
92.3 / 73.8
1.25
1.9
11
106 / 60
1.77
4.9
Note: Ra & Rb are in k
ANA IN
Input
ANA IN
Input Amplifier
NOTE:
fCUTTOFF
2xRaCCCUP
1
Ra
Rb
CCOUP = 0.1 ìF
Internal to the device


Numéro de pièce similaire - ISD5116EY

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
ISD5116E WINBOND-ISD5116E Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
ISD5116ED WINBOND-ISD5116ED Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
ISD5116EI WINBOND-ISD5116EI Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
More results

Description similaire - ISD5116EY

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
   SINGLE CHIP ADSL2 CPE CHIP
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
   BLUETOOTH??SINGLE CHIP
May 2004 REV. 1
logo
Renesas Technology Corp
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M38049FFLSP RENESAS-M38049FFLSP_06 Datasheet
246Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
H8S-2128 RENESAS-H8S-2128 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
H83397 RENESAS-H83397 Datasheet
2Mb / 747P
   Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6475348R HITACHI-HD6475348R Datasheet
1Mb / 487P
   Single-Chip Microcomputer
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
Roithner LaserTechnik G...
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com