Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N681387DG Fiches technique(PDF) 78 Page - Nuvoton Technology Corporation

No de pièce N681387DG
Description  Single Programmable Extended Codec/SLCC
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N681387DG Fiches technique(HTML) 78 Page - Nuvoton Technology Corporation

Back Button N681387DG Datasheet HTML 74Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 75Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 76Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 77Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 78Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 79Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 80Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 81Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 82Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 164 page
background image
N681386/87
Single Programmable Extended Codec/SLCC
Preliminary Datasheet Rev1.0
Page 78 of 164
January 2010
Addr
(Dec)
Addr
(Hex)
Name
D7
D6
D5
D4
D3
D2
D1
D0
Default
(Hex)
R/W
ASYNC
/12Bit
48
30
DTMFCTRL1
DTMFEN
ADCOSEL
DTMFFDEV[1:0]
DTMFTC[3:0]
00
R/W
49
31
DTMFCTRL2
RES
DTMFCLR
00
R/W
50
32
DTMFCTRL3
RES
DTMFRCVDT[3:0]
00
RO
51
33
DTMFST
RES
DTMFEMT
01
RO
52
34
DTMFTHRH
DTMFTHR[15:8]
01
R/W
53
35
DTMFTHRL
DTMFTHR[7:0]
00
R/W
54
36
DTMFPDT
DTMFPDT[7:0]
00
R/W
55
37
DTMFADT
DTMFADT[7:0]
00
R/W
56
38
DTMFACT
DTMFACT[7:0]
00
R/W
58
3A
DTMFRDT
DTMFRDY
DTMFST
RES
DTMFRDT[3:0]
00
RO
59
3B
DTMFRFH
DTMFRF[15:8]
00
RO
60
3C
DTMFRFL
DTMFRF[7:0]
00
RO
61
3D
DTMFCFH
DTMFCF[15:8]
00
RO
62
3E
DTMFCFL
DTMFCF[7:0]
00
RO
LINE REGISTERS
64
40
APG
RAMP
PRE
VOHZ
RES
ARX[1:0]
ATX[1:0]
00
R/W
65
41
HB
DACG
ADCG
RES
AHYB[2:0]
1B
R/W
66
42
VCMR
RES
VCMR[5:0]
00
R/W
67
43
LAMC
RES
PAA
RGA
LCDA
07
R/W
68
44
LS
SLS[3:0]
LS[3:0]
00
RO
69
45
LCL
LGCRT
LGCRR
LGCM[1:0]
LGCRT
RES
ILM[2:0]
00
R/W
70
46
RTLC
RTM
LCM
VBLC
RTDUD
RTDUA
LCDU
RTD
LCD
00
R/W
71
47
LCDB
LCDI[7:0]
00
R/W
72
48
RTDBA
ARTDI[7:0]
00
R/W
73
49
PWMT
PT[7:0]
FF
R/W
74
4A
DDCC
DCOFF[7:0]
76
R/W
76
4C
OHV
RES
SB
VOH[5:0]
20
R/W
77
4D
GMV
UBR
RES
VGM[5:0]
02
R/W
78
4E
VBHV
XBATR
RES
VBATH[5:0]
32
R/W
79
4F
VBLV
RES
VBATL[5:0]
10
R/W
80
50
LCDCL
LCDC[7:0]
00
R/W
81
51
RTDFCLD
ARTDFC[7:0]
00
RO
82
52
DCHD
ARTDFC[11:8]
LCDC[11:8]
00
RW
83
53
LCT
RES
LCT[5:0]
00
RO
84
54
LCTHY
DBTR
LCHYEN
LCTOFF[5:0]
00
R/W
85
55
RTTA
RES
ARTT5:0]
00
R/W
86
56
VOV
RES
TR
VOV[3:0]
00
R/W
87
57
DCTON
RES
TONDC[4:0]
00
R/W
94
5E
AMT
AMTEN
AMTSEL
AMTTHR
00
R/W
95
5F
XBTC
RES
ASQH
CBP
XTBEN
XTBOT[1:0]
XTBA[1:0]
00
R/W
GROUND KEY DETECTION REGISTERS
96
60
GKDH
RES
HGKD[5:0]
00
RO
97
61
GKDL
RES
LGKD[5:0]
00
R/W
98
62
GKDDT
DTGKD[7:0]
00
R/W
99
63
GKDFCL
FCGKD[7:0]
02
R/W
100
64
GKDFCH
GKDEN
RES
FCGKD[11:8]
32
R/W
101
65
RTDFCLD
DRTDFC[7:0]
10
R/W
102
66
DCHD
RES
DRTDFC[11:0]
00
R/W
103
67
RTTD
RES
XRTR
DRTT5:0]
00
R/W
104
68
RTDBD
DRTDI[7:0]
00
R/W
106
6A
XBSDCN
DCNXB[7:0]
00
R/W
107
6B
XBSDCP
DCPXB[7:0]
00
R/W
110
6E
LOAD
RES
LOAD
00
R/W
119
77
DCTR
VTR[7:0]
C8
RO


Numéro de pièce similaire - N681387DG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
N681622YG NUVOTON-N681622YG Datasheet
1Mb / 160P
   Dual Programmable Extended Codec/SLCC SLFC
More results

Description similaire - N681387DG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
N682386 NUVOTON-N682386 Datasheet
1Mb / 160P
   Dual Programmable Extended Codec/SLCC SLFC
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Agere Systems
T8535B AGERE-T8535B Datasheet
929Kb / 50P
   T8535B/T8536B Quad Programmable Codec
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com