Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N681387DG Fiches technique(PDF) 69 Page - Nuvoton Technology Corporation

No de pièce N681387DG
Description  Single Programmable Extended Codec/SLCC
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N681387DG Fiches technique(HTML) 69 Page - Nuvoton Technology Corporation

Back Button N681387DG Datasheet HTML 65Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 66Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 67Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 68Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 69Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 70Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 71Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 72Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 73Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 164 page
background image
N681386/87
Single Programmable Extended Codec/SLCC
Preliminary Datasheet Rev1.0
Page 69 of 164
January 2010
Bit
Location
Bit Description
Bit Name
Bit Value
0
1
1
Control bit to select 12-Bits monitoring
XP
Bits[11-4]
Bits[3-0]
2
This is a channel selection bit. In case of a single channel
device this bit must be set to “0”
CH
0
NA
3 - 6
Must be set to “0” for all operation
-
-
-
7
Read/Write control bit
RW
Write
Read
CH
XP
Command
0
0
Register Address (8-bits)
0
1
2
nd byte of 12-Bits monitoring
Table 32: 12-bit byte Selection
12.2.4.
READ/WRITE SEQUENCE (8-BIT OR 16-BIT)
The device is accessed via the SDI input with data clocked in on the rising edge of SCLK. DATA transfer is
synchronized to the SCLK input. Data is clocked out onto SDO on the falling edges of SCLK. SCLK is the only
reference of SDI and SDO pins. The SDO pin will go tri-state when goes CSb HIGH
The first two pictures below illustrate the Read/Write Sequence for an 8-bit architecture. Both Read/Write sequences
consist of three 8-bit transmissions, Device address, Register Address and Data. Each 8-bit transmission starts with
the falling edge of the CSb line. At the end of every 8-bit transmission is complete the CSb transitions from LOW
back to HIGH. After a valid Device Address and Register Address for Read, 8-bit Data is shifted out on the SDO line.
The last two pictures below illustrate the Read/Write Sequence for a 16-bit architecture. Both Read/Write sequences
consist of two 16-bit transmissions, the first 16-bit transmission consisting of Device address and Register Address
bytes and the second 16-bit transmission consists of Data. Each 16-bit transmission starts with the falling edge of the
CSb line. At the end of every 16-bit transmission CSb transitions from LOW back to HIGH. After a valid Device
address and Register Address for Read, 16-bits of Data is shifted out on the SDO line. Since all the registers are 8-
bits long, the least significant byte of the 16-bit Data word should be ignored. If additional clocks are sent by the
master the device will provide the same data when BST is LOW.
The SPI state machine soft resets whenever CSb asserts during an operation on an SCLK cycle that is not a multiple
of eight, including burst mode. This is a mechanism for the controller to force the state machine to a known state
when the controller and the device are out of synchronization.


Numéro de pièce similaire - N681387DG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
N681622YG NUVOTON-N681622YG Datasheet
1Mb / 160P
   Dual Programmable Extended Codec/SLCC SLFC
More results

Description similaire - N681387DG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
N682386 NUVOTON-N682386 Datasheet
1Mb / 160P
   Dual Programmable Extended Codec/SLCC SLFC
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Agere Systems
T8535B AGERE-T8535B Datasheet
929Kb / 50P
   T8535B/T8536B Quad Programmable Codec
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com