Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N681387DG Fiches technique(PDF) 30 Page - Nuvoton Technology Corporation

No de pièce N681387DG
Description  Single Programmable Extended Codec/SLCC
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N681387DG Fiches technique(HTML) 30 Page - Nuvoton Technology Corporation

Back Button N681387DG Datasheet HTML 26Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 27Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 28Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 29Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 30Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 31Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 32Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 33Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 34Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 164 page
background image
N681386/87
Single Programmable Extended Codec/SLCC
Preliminary Datasheet Rev1.0
Page 30 of 164
January 2010
12.1.1.3.3.
SETTING LOOP CLOSURE DETECT AUTOMATIC REACT
Setting LAMC:LCDA[0] address (0x43) bit makes the channel automatically enter the Active state from the ON-HOOK
Transmission, Idle, TIP Open, and RING Open states upon Loop Closure Detect. Furthermore, the channel will
transition from Active to Idle state if the Loop Closure Detect circuitry indicates a loop closure is no longer present,
and back to Active state upon a reoccurrence of Loop Closure Detect.
When the above automatic transitions do occur, LS:LS[3:0] address (0x44) will be updated automatically to reflect the
newly entered state. In all cases the shadow linefeed status bits, LS:SLS[3:0] address (0x44) reflect the actual
linefeed status. This includes switching between ‘Ringing’ during the ring burst and ‘ON-HOOK Transmission’ during
the cadence. This RING/cadence transition is not considered an automatic transition and LS:LS[3:0] address (0x44)
will continue to reflect Ringing state. The following example state diagram illustrates LS:SLS[3:0] address (0x44)
states including automatic transitions, RING/Cadence transition and several possible transitions solely governed by
software.
Figure 7: Example State Diagram
Register
Bit(s)
Address
Parameter
Description / Range
LS
LS[3:0]
0x44
Programmed Linefeed Status
Eleven states
SLS[7:4]
0x44
Shadow Linefeed Status
Reflects actual state
LAMC
PAA[2]
0x43
Power Alarm Automatic React
Enable/Disable
RGA[1]
0x43
RING Automatic
Enable/Disable
LCDA[0]
0x43
Loop Closure Detect Automatic React
Enable/Disable
Table 6: Associated Registers for Linefeed Control
Ringing
On Hook
Transmission
(F/R)
Ring Cadence
&
LS[3:0] = Ringing
LFSDS
LC_Auto = RTLC:LCD = 1 & LAMC:LCDA= 1
! LC_Auto = RTLC:LCD= 0
& LAMC:LCDA= 1
RT_Auto = RTLC:RTD = 1 & LAMC:RGA= 1
PA_Auto = Power Alarm Event & LAMC:PAA = 1
F/R = Forward / Reverse
n = 1, 2
RT_Auto
Ring Burst
&
LS[3:0] = Ringing
SW
SW
SW
Active
(F/R)
Any State
TIP Open
Any State
RING Open
SW
Any State
Open
PA_Auto
SW
Any State
Idle
(F/R)
SW
LC_Auto
LC_Auto
LC_Auto
!LC_Auto
SW
SW
LC_Auto
SW
Open
LFSDS
LC_Auto = RTLC:LCD = 1 & LAMC:LCDA= 1
! LC_Auto = RTLC:LCD= 0
& LAMC:LCDA= 1
RT_Auto = RTLC:RTD = 1 & LAMC:RGA= 1
PA_Auto = Power Alarm Event & LAMC:PAA = 1
F/R = Forward / Reverse
n = 1, 2
SW
LC_Auto
!LC_Auto
Any State
Calibration
SW


Numéro de pièce similaire - N681387DG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
N681622YG NUVOTON-N681622YG Datasheet
1Mb / 160P
   Dual Programmable Extended Codec/SLCC SLFC
More results

Description similaire - N681387DG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
N682386 NUVOTON-N682386 Datasheet
1Mb / 160P
   Dual Programmable Extended Codec/SLCC SLFC
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Agere Systems
T8535B AGERE-T8535B Datasheet
929Kb / 50P
   T8535B/T8536B Quad Programmable Codec
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com