Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54-LN Fiches technique(PDF) 65 Page - Nuvoton Technology Corporation

No de pièce M54-LN
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M54-LN Fiches technique(HTML) 65 Page - Nuvoton Technology Corporation

Back Button M54-LN Datasheet HTML 61Page - Nuvoton Technology Corporation M54-LN Datasheet HTML 62Page - Nuvoton Technology Corporation M54-LN Datasheet HTML 63Page - Nuvoton Technology Corporation M54-LN Datasheet HTML 64Page - Nuvoton Technology Corporation M54-LN Datasheet HTML 65Page - Nuvoton Technology Corporation M54-LN Datasheet HTML 66Page - Nuvoton Technology Corporation M54-LN Datasheet HTML 67Page - Nuvoton Technology Corporation M54-LN Datasheet HTML 68Page - Nuvoton Technology Corporation M54-LN Datasheet HTML 69Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
NuMicro
M058/M0516 Data Sheet
Publication Release Date: May 30, 2011
- 65 -
Revision V2.00
8.4.3
Specification of Low Voltage Reset
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Operation voltage
-
1.7
-
5.5
V
Quiescent current
VDD5V=5.5V
-
-
5
uA
Temperature=25°
1.7
2.0
2.3
V
Temperature=-40°
-
2.4
-
V
Threshold voltage
Temperature=85°
-
1.6
-
V
Hysteresis
-
0
0
0
V
8.4.4
Specification of Brownout Detector
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Operation voltage
-
2.5
-
5.5
V
Quiescent current
AVDD=5.5V
-
-
125
μA
Temperature
-
-40
25
85
BOV_VL[1:0]=11
4.4
4.5
4.6
V
BOV_VL [1:0]=10
3.7
3.8
3.9
V
BOV_VL [1:0]=01
2.6
2.7
2.8
V
Brown-out voltage
BOV_VL [1:0]=00
2.1
2.2
2.3
V
Hysteresis
-
30m
-
150m
V
8.4.5
Specification of Power-On Reset (5V)
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Reset voltage
V+
-
2
-
V
Quiescent current
Vin>reset voltage
-
1
-
nA


Numéro de pièce similaire - M54-LN

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M540 MA-COM-M540 Datasheet
116Kb / 7P
   GaAs MMIC Low Noise Amplifier SOIC-8 Platform
logo
Mitsubishi Electric Sem...
M541 MITSUBISHI-M541 Datasheet
196Kb / 6P
   EARTH LEAKAGE CURRENT DETECTOR
logo
National Semiconductor ...
M541 NSC-M541 Datasheet
120Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
M541 NSC-M541 Datasheet
130Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
OKI electronic componet...
M541 OKI-M541 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
More results

Description similaire - M54-LN

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com