Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M52ZN Fiches technique(PDF) 54 Page - Nuvoton Technology Corporation

No de pièce M52ZN
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M52ZN Fiches technique(HTML) 54 Page - Nuvoton Technology Corporation

Back Button M52ZN Datasheet HTML 50Page - Nuvoton Technology Corporation M52ZN Datasheet HTML 51Page - Nuvoton Technology Corporation M52ZN Datasheet HTML 52Page - Nuvoton Technology Corporation M52ZN Datasheet HTML 53Page - Nuvoton Technology Corporation M52ZN Datasheet HTML 54Page - Nuvoton Technology Corporation M52ZN Datasheet HTML 55Page - Nuvoton Technology Corporation M52ZN Datasheet HTML 56Page - Nuvoton Technology Corporation M52ZN Datasheet HTML 57Page - Nuvoton Technology Corporation M52ZN Datasheet HTML 58Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
NuMicro
M052/M054BN Datasheet
Publication Release Date: Mar. 19, 2012
- 54 -
Revision V1.01
7
TYPICAL APPLICATION CIRCUIT
AA12
RI2C1
4.7K
AD0
RI2C2
4.7K
AD1
AD2
DVDD
RXD0
TXD0
DVDD
I2C-EEPROM
24LC64
UI2C1
SOIC8\1.27\5.6MM
GND
4
A2
3
A1
2
A0
1
SDA
5
SCL
6
WP
7
VCC
8
I2C
AD3
EEPROM
ADDRESS:0H
CB9
0.1 uF
DVDD
MET22
MET23
DVDD
DVDD
MISO_1
nSS1
P32
USPI1
W25X16VSSIG
SOIC-8P
CS#
1
DO
2
WP#
3
GND
4
DI
5
CLK
6
HOLD#
7
VCC
8
SPI
DVDD
RSPI1
4.7K
RSPI2
4.7K
CB7
0.1 uF
SCLK1
MOSI_1
SDA
SCL
SDA
AD4
SCL
nWR
AD5
AD12
AD6
AD11
AD10
AD13
AD7
AD14
nTICERST
AVDD
AD5
AD6
P40
ALE
AD7
AD9
AD8
AD3
UART_TXD
RXD0
TXD1
RXD1
TXD0
S1
SW DIP-4
SWDIP8
1
2
3
4
8
7
6
5
UART_RXD
AD4
nRD
AD5
EBI
D12MO
AD6
L1
FB
AD7
CB3
0.1 uF
CB4
0.1 uF
nWR
D12MI
DVSS
CB8
0.1 uF
DVSS
U4
M052_54 LQFP 48
M052_LQFP_48
MOSI_0/AIN5/P1.5
1
MISO_0/AIN6/P1.6
2
SCLK0/AIN7/P1.7
3
P2.6/AD14/PWM6
26
P4.6/ICE_CLK
30
P4.7/ICE_DAT
31
P0.7/AD7/SCLK1
32
P0.6/AD6/MISO_1
33
P0.5/AD5/MOSI_1
34
P0.4/AD4/SS1
35
P4.1
36
RST
4
RXD/P3.0
5
AVSS
6
MCLK/INT1/P3.3
9
TXD/P3.1
7
INT0/P3.2
8
SDA/T0/P3.4
10
SCL/T1/P3.5
11
P4.3
12
P4.5/ALE
29
P4.4/CS
28
P2.5/AD13/PWM5
25
P2.7/AD15/PWM7
27
MOSI_0
AA15
AVSS
MISO_0
SCLK0
AA14
nTICERST
AA13
P33
P41
L2
FB
AA5
AD4
TICEDAT
ADC Input
TICECLK
ALE
AA6
nCS
CB5
0.1 uF
DVDD
DVDD
DVSS
CB6
0.1 uF
DVSS
AD15
U3
BS616LV4017EG70(TSOP-44)
A4
1
A3
2
A2
3
A1
4
A0
5
CS
6
I/O0
7
I/O1
8
I/O2
9
I/O3
10
VCC
11
VSS
12
I/O4
13
I/O5
14
I/O6
15
I/O7
16
WE
17
A17
18
A16
19
A15
20
A14
21
A13
22
NC
28
A8
27
A12
23
A11
24
A9
26
A10
25
I/O8
29
I/O9
30
I/O10
31
I/O11
32
VCC
33
VSS
34
I/O12
35
I/O13
36
I/O14
37
I/O15
38
LB
39
UB
40
OE
41
A5
44
A6
43
A7
42
AA7
AD3
CB1
0.1 uF
AD2
nRD
Title
Size
Document Number
Rev
Date:
Sheet
of
Application.dsn
1.0
M052_54 Application Circuit
1
1
Thursday , August 19, 2010
C5
10uF
TANT-B
AD1
AD0
DVDD
AD12
AD11
AD10
AD9
AD8
ALE
AD15
AD14
AD13
CB2
0.1 uF
AA10
AA9
AA8
P42
U2
74F373
D0
3
D1
4
D2
7
D3
8
D4
13
D5
14
D6
17
D7
18
OE
1
LE
11
Q0
2
Q1
5
Q2
6
Q3
9
Q4
12
Q5
15
Q6
16
Q7
19
AA13
AA12
AA11
AA15
AA14
AD15
nSS0
AD14
TXD1
AD13
RXD1
AD12
P11
AA4
AD11
AA0
AA3
P43
AA1
AD10
AA2
C3
820pF
AA2
AD9
AA3
AA1
AA4
AD8
AA0
AA5
nCS
U1
74F373
D0
3
D1
4
D2
7
D3
8
D4
13
D5
14
D6
17
D7
18
OE
1
LE
11
Q0
2
Q1
5
Q2
6
Q3
9
Q4
12
Q5
15
Q6
16
Q7
19
AA6
ADC
AA8
AD0
AA7
AD1
ICE Interface
C1
10uF/10V
TANT-A
DVDD
AA9
R1
10K
Reset Circuit
AD2
X1
12MHz
XTAL3-1
C4
20p
D12MO
C2
20p
D12MI
Crystal
AA10
CON1
1X2 HEADER
1
1
2
2
UART_TXD
UART_RXD
UART
DVDD
VDD
NET4
NET5
NET40
NET3
NET9
NET8
NET6
NET7
VSS
R4 33
NET10
R6 33
NET12
NET13
NET11
U5
MAX232A
SOP16/150
C1+
1
V+
2
C1-
3
C2+
4
C2-
5
V-
6
T2OUT
7
R2IN
8
R2OUT
9
T2IN
10
T1IN
11
R1OUT
12
R1IN
13
T1OUT
14
GND
15
VCC
16
AA11
C7
1uF
TANT-A
C6
1uF
TANT-A
C9
1uF
TANT-A
C8 1uF
TANT-A
P1
DB9-M (公)
DB9L-HP
5
9
4
8
3
7
2
6
1
10
11
R3
33
R5
33
ICEJP1
HEADER 5X2
HEADER5X2
1
2
3
4
5
6
7
8
9
10
nTICERST
TICECLK
TICEDAT


Numéro de pièce similaire - M52ZN

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
M52 MACOM-M52 Datasheet
130Kb / 2P
   TRIPLE-BALANCED MIXER
M52 MACOM-M52 Datasheet
513Kb / 3P
   Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M52 MA-COM-M52 Datasheet
1Mb / 3P
   Triple-Balanced Mixer
logo
DIYI Electronic Technol...
M52 DYELEC-M52 Datasheet
868Kb / 2P
   Excellent power volume ratio
logo
Harwin Plc
M52-040000P0545 HARWIN-M52-040000P0545 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
More results

Description similaire - M52ZN

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com