Moteur de recherche de fiches techniques de composants électroniques |
|
M54LN Fiches technique(PDF) 21 Page - Nuvoton Technology Corporation |
|
M54LN Fiches technique(HTML) 21 Page - Nuvoton Technology Corporation |
21 / 71 page NuMicro ™ M052/M054BN Datasheet Publication Release Date: Mar. 19, 2012 - 21 - Revision V1.01 6 FUNCTIONAL DESCRIPTION 6.1 ARM® Cortex™-M0 Core The Cortex ™-M0 processor is a configurable, multistage, 32-bit RISC processor. It has an AMBA AHB- Lite interface and includes an NVIC component. It also has optional hardware debug functionality. The processor can execute Thumb code and is compatible with other Cortex-M profile processor. The profile supports two modes -Thread and Handler modes. Handler mode is entered as a result of an exception. An exception return can only be issued in Handler mode. Thread mode is entered on Reset, and can be entered as a result of an exception return. Figure 6-1 shows the functional controller of processor. Cortex-M0 Processor Core Nested Vectored Interrupt Controller (NVIC) Breakpoint and Watchpoint Unit Debugger interface Bus matrix Debug Access Port (DAP) Debug Cortex-M0 processor Cortex-M0 components Wakeup Interrupt Controller (WIC) Interrupts Serial Wire or JTAG debug port AHB-Lite interface Figure 6-1 Functional Block Diagram The implemented device provides: A low gate count processor the features: The ARMv6-M Thumb ® instruction set. Thumb-2 technology. ARMv6-M compliant 24-bit SysTick timer. A 32-bit hardware multiplier. The system interface supports little-endian data accesses. The ability to have deterministic, fixed-latency, interrupt handling. |
Numéro de pièce similaire - M54LN |
|
Description similaire - M54LN |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |