Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N681386 Fiches technique(PDF) 98 Page - Nuvoton Technology Corporation

No de pièce N681386
Description  Single Programmable Extended Codec/SLCC
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N681386 Fiches technique(HTML) 98 Page - Nuvoton Technology Corporation

Back Button N681386 Datasheet HTML 94Page - Nuvoton Technology Corporation N681386 Datasheet HTML 95Page - Nuvoton Technology Corporation N681386 Datasheet HTML 96Page - Nuvoton Technology Corporation N681386 Datasheet HTML 97Page - Nuvoton Technology Corporation N681386 Datasheet HTML 98Page - Nuvoton Technology Corporation N681386 Datasheet HTML 99Page - Nuvoton Technology Corporation N681386 Datasheet HTML 100Page - Nuvoton Technology Corporation N681386 Datasheet HTML 101Page - Nuvoton Technology Corporation N681386 Datasheet HTML 102Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 164 page
background image
N681386/87
Single Programmable Extended Codec/SLCC
Preliminary Datasheet Rev1.0
Page 98 of 164
January 2010
14.5.5.
INTERRUPT ENABLE REGISTER 2
Addr.
Name
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x29
IE2
FSKIE
DTMFIE
RIE
RAE
O2IE
O2AE
O1IE
O1AE
0x00
Bit
Location
Bit Description
Bit Name
Bit Value
0
1
0
Oscillator 1 Active Timer
O1AE
Masked
Enabled
1
Oscillator 1 Inactive Timer
O1IE
Masked
Enabled
2
Oscillator 2 Active Timer
O2AE
Masked
Enabled
3
Oscillator 2 Inactive Timer
O2IE
Masked
Enabled
4
Ringing Active Timer
RAE
Masked
Enabled
5
Ringing Inactive Timer
RIE
Masked
Enabled
6
DTMF Inactive Timer
DTMFIE
Masked
Enabled
7
FSK Enable
FSKIE
Masked
Enabled
14.5.6.
INTERRUPT STATUS REGISTER 3
Addr.
Name
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x2A
INT3
RES
GKDI
RES
TMP
0x00
“RES” in the register map means reserved bit(s).
This register displays the status of the dice Temperature interrupt of the device. A pending interrupt is represented
by a HIGH “1” in the respective bit. Writing 1 to that respective bit clears the pending interrupt.
Bit
Location
Bit Description
Bit Name
Bit Value
0
1
0
Die Temperature Interrupt
TMP
No INT
INT Pending
3
Ground Key Detection
Interrupt
GKDI
No INT
INT Pending


Numéro de pièce similaire - N681386

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
N681622YG NUVOTON-N681622YG Datasheet
1Mb / 160P
   Dual Programmable Extended Codec/SLCC SLFC
More results

Description similaire - N681386

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
N682386 NUVOTON-N682386 Datasheet
1Mb / 160P
   Dual Programmable Extended Codec/SLCC SLFC
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Agere Systems
T8535B AGERE-T8535B Datasheet
929Kb / 50P
   T8535B/T8536B Quad Programmable Codec
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com