Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N681386 Fiches technique(PDF) 92 Page - Nuvoton Technology Corporation

No de pièce N681386
Description  Single Programmable Extended Codec/SLCC
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N681386 Fiches technique(HTML) 92 Page - Nuvoton Technology Corporation

Back Button N681386 Datasheet HTML 88Page - Nuvoton Technology Corporation N681386 Datasheet HTML 89Page - Nuvoton Technology Corporation N681386 Datasheet HTML 90Page - Nuvoton Technology Corporation N681386 Datasheet HTML 91Page - Nuvoton Technology Corporation N681386 Datasheet HTML 92Page - Nuvoton Technology Corporation N681386 Datasheet HTML 93Page - Nuvoton Technology Corporation N681386 Datasheet HTML 94Page - Nuvoton Technology Corporation N681386 Datasheet HTML 95Page - Nuvoton Technology Corporation N681386 Datasheet HTML 96Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 164 page
background image
N681386/87
Single Programmable Extended Codec/SLCC
Preliminary Datasheet Rev1.0
Page 92 of 164
January 2010
14.3.5.
DIAGNOSTIC CONTROL 8 (READ ONLY)
Addr.
Name
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x1D
DIAGCTRL8
DCDP[7:0] (RO)
00
RES
DCDP[11:8] (RO)
ACDP[7:0] (RO)
00
RES
ACDP[11:8] (RO)
DCDP[11:0]: DC Diagnostic Path Output
ACDP[11:0]: AC Diagnostic Path Output
NOTE: This register is structured to be read in 4 byte burst
14.3.6.
DIAGNOSTIC FIFO 0 AND FIFO1 (READ ONLY)
Addr.
Name
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x1E
DIAGFIFO0
FIFO0[7:0] (RO)
00
FIFO0[15:8] (RO)
FIFO0[23:16] (RO)
00
FIFO0[31:24] (RO)
0x1F
DIAGFIFO1
FIFO1[7:0] (RO)
00
FIFO1[15:8] (RO)
FIFO1[23:16] (RO)
00
FIFO1[31:24] (RO)
DIAGFIFO0 and DIAGFIFO1 are structured as Dual FIFO Structures. Each FIFO has 16 entries, each entry
structured as a 4 byte structure illustrated above. When one FIFO is full an interrupt is generated and diagnostic data
is collected in the alternative FIFO. In Diagnostic Mode (DIAGCTRL0:DIAGEN) DIAGFIFO0 uses the Ring Trip
Detect Interrupt mechanism and DIAGFIFO1 uses the Loop Closure Detect Interrupt mechanism.
When DIAGCTRL0:FOFIP[7] is set to 0, DIAGFIFO0 and DIAGFIFO1 are used to store DC Diagnostic Path and AC
Path Output Data
-
FIFOn[15:0], n=0,1 contains DCDP[11:0]: DC Diagnostic Path Output in the lower 12 bits
FIFOn[31:16], n=0,1 contains ACDP[11:0]: AC Diagnostic Path Output in the lower 12 bits
-
NOTE: DC Diagnostic Path and AC Path Data is input to each FIFO at 800 Hz.
When DIAGCTRL0:FOFIP[7] is enabled DIAGFIFO0 and DIAGFIFO1 are used to store ADC PCM Data
-
FIFOn[15:0], n=0,1 contains 16-bit ADC PCM data
FIFOn[31:16], n=0,1 is not output
In this case the Maximum burst read is 32 bytes per FIFO.
-
NOTE: PCM Data is input to each FIFO at the sampling frequency (Wideband or Narrowband).


Numéro de pièce similaire - N681386

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
N681622YG NUVOTON-N681622YG Datasheet
1Mb / 160P
   Dual Programmable Extended Codec/SLCC SLFC
More results

Description similaire - N681386

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
N682386 NUVOTON-N682386 Datasheet
1Mb / 160P
   Dual Programmable Extended Codec/SLCC SLFC
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Agere Systems
T8535B AGERE-T8535B Datasheet
929Kb / 50P
   T8535B/T8536B Quad Programmable Codec
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com