Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I5102EY Fiches technique(PDF) 26 Page - Nuvoton Technology Corporation

No de pièce I5102EY
Description  SINGLE-CHIP
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

I5102EY Fiches technique(HTML) 26 Page - Nuvoton Technology Corporation

Back Button I5102EY Datasheet HTML 22Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 23Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 24Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 25Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 26Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 27Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 28Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 29Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 30Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 26 -
Revision 1.42
4. Select the SUM1 SUMMING amplifier path through the FILTER MUX—Bit FLS0 controls the
state of the FILTER MUX. This is bit D4 of CFG1 and it must be set to ZERO to select the
SUM1 SUMMING amplifier path.
5. Power up the LOW PASS FILTER—Bit FLPD controls the power up state of the LOW PASS
FILTER stage. This is bit D1 of CFG1 and it must be set to ZERO to power up the LOW PASS
FILTER STAGE.
6. Select the 5.3 kHz sample rate—Bits FLD0 and FLD1 select the Low Pass filter setting and
sample rate to be used during record and playback. These are bits D2 and D3 of CFG1. To
enable the 5.3 kHz sample rate, D2 must be set to ZERO and D3 set to ONE.
7. Select the LOW PASS FILTER input (only) to the S2 SUMMING amplifier—Bits S2M0 and
S2M1 control the state of the SUM2 SUMMING amplifier. These are bits D5 and D6
respectively of CFG1 and they should be set to the state where D5 is ZERO and D6 is ONE to
select the LOW PASS FILTER (only) path.
To set up the chip for Memo Record, the configuration registers are set up as follows:
CFG0=0010 0100 0010 0001 (hex 2421).
CFG1=0000 0001 0100 1000 (hex 0148).
Only those portions necessary for this mode are powered up.
6.3.10 Memo and Call Playback
This mode sets the chip up for local playback of messages recorded earlier. The playback path is from
the MULTILEVEL STORAGE ARRAY to the FILTER MUX, then to the LOW PASS FILTER stage.
From there, the audio path goes through the SUM2 SUMMING amplifier to the VOLUME MUX,
through the VOLUME CONTROL then to the SPEAKER output stage. We will assume that we are
driving a piezo speaker element. This audio was previously recorded at 8 kHz. All unnecessary stages
will be powered down.
1. Select the MULTILEVEL STORAGE ARRAY path through the FILTER MUX—Bit FLS0, the
state of the FILTER MUX. This is bit D4 of CFG1 and must be set to ONE to select the
MULTILEVEL STORAGE ARRAY.
2. Power up the LOW PASS FILTER—Bit FLPD controls the power up state of the LOW PASS
FILTER stage. This is bit D1 of CFG1 and it must be set to ZERO to power up the LOW PASS
FILTER STAGE.
3. Select the 8.0 kHz sample rate—Bits FLD0 and FLD1 select the Low Pass filter setting and
sample rate to be used during record and playback. These are bits D2 and D3 of CFG1. To
enable the 8.0 kHz sample rate, D2 and D3 must be set to ZERO.
4. Select the LOW PASS FILTER input (only) to the S2 SUMMING amplifier —Bits S2M0 and
S2M1 control the state of the SUM2 SUMMING amplifier. These are bits D5 and D6
respectively of CFG1 and they should be set to the state where D5 is ZERO and D6 is ONE to
select the LOW PASS FILTER (only) path.


Numéro de pièce similaire - I5102EY

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
I5102E WINBOND-I5102E Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
I5102EI WINBOND-I5102EI Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
More results

Description similaire - I5102EY

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
   SINGLE CHIP ADSL2 CPE CHIP
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
   BLUETOOTH??SINGLE CHIP
May 2004 REV. 1
logo
Renesas Technology Corp
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M38049FFLSP RENESAS-M38049FFLSP_06 Datasheet
246Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
H8S-2128 RENESAS-H8S-2128 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
H83397 RENESAS-H83397 Datasheet
2Mb / 747P
   Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6475348R HITACHI-HD6475348R Datasheet
1Mb / 487P
   Single-Chip Microcomputer
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
Roithner LaserTechnik G...
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com