Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I5102EY Fiches technique(PDF) 20 Page - Nuvoton Technology Corporation

No de pièce I5102EY
Description  SINGLE-CHIP
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

I5102EY Fiches technique(HTML) 20 Page - Nuvoton Technology Corporation

Back Button I5102EY Datasheet HTML 16Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 17Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 18Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 19Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 20Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 21Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 22Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 23Page - Nuvoton Technology Corporation I5102EY Datasheet HTML 24Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 20 -
Revision 1.42
6.3.5
Configuration Register Bytes
The configuration register bytes are defined, in detail, in the drawings of section 7.4 on page 29. The
drawings display how each bit enables or disables a function of the audio paths in the ISD5100-
Series. The tables below give a general illustration of the bits. There are two configuration registers,
CFG0 and CFG1, so there are four 8-bit bytes to be loaded during the set-up of the device.
D15 D14 D13 D12 D11 D10 D9
D8
D7 D 6 D5
D4
D3
D2
D1
D0
Configuration Register 0 (CFG0)
AIG1 AIG0 AIPD AXG1 AXG0 AXPD INS0 AOS2 AOS1 AOS0 AOPD OPS1 OPS0 OPA1 OPA0 VLPD
Volume Control Power Down
SPKR & AUX OUT Control (2 bits)
OUTPUT MUX Select (2 bits)
ANA OUT Power Down
AUXOUT MUX Select (3 bits)
INPUT SOURCE MUX Select (1 bit)
AUX IN Power Down
AUX IN AMP Gain SET (2 bits)
ANA IN Power Down
ANA IN AMP Gain SET (2 bits)
D15 D14 D13 D12 D11 D10 D9
D8
D7 D 6 D5
D4
D3
D2
D1
D0
Configuration Register 0 (CFG0)
AIG1 AIG0 AIPD AXG1 AXG0 AXPD INS0 AOS2 AOS1 AOS0 AOPD OPS1 OPS0 OPA1 OPA0 VLPD
Volume Control Power Down
SPKR & AUX OUT Control (2 bits)
OUTPUT MUX Select (2 bits)
ANA OUT Power Down
AUXOUT MUX Select (3 bits)
INPUT SOURCE MUX Select (1 bit)
AUX IN Power Down
AUX IN AMP Gain SET (2 bits)
ANA IN Power Down
ANA IN AMP Gain SET (2 bits)


Numéro de pièce similaire - I5102EY

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
I5102E WINBOND-I5102E Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
I5102EI WINBOND-I5102EI Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
More results

Description similaire - I5102EY

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
   SINGLE CHIP ADSL2 CPE CHIP
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
   BLUETOOTH??SINGLE CHIP
May 2004 REV. 1
logo
Renesas Technology Corp
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M38049FFLSP RENESAS-M38049FFLSP_06 Datasheet
246Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
H8S-2128 RENESAS-H8S-2128 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
H83397 RENESAS-H83397 Datasheet
2Mb / 747P
   Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6475348R HITACHI-HD6475348R Datasheet
1Mb / 487P
   Single-Chip Microcomputer
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
Roithner LaserTechnik G...
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com