Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M052ZBN Fiches technique(PDF) 43 Page - Nuvoton Technology Corporation

No de pièce M052ZBN
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M052ZBN Fiches technique(HTML) 43 Page - Nuvoton Technology Corporation

Back Button M052ZBN Datasheet HTML 39Page - Nuvoton Technology Corporation M052ZBN Datasheet HTML 40Page - Nuvoton Technology Corporation M052ZBN Datasheet HTML 41Page - Nuvoton Technology Corporation M052ZBN Datasheet HTML 42Page - Nuvoton Technology Corporation M052ZBN Datasheet HTML 43Page - Nuvoton Technology Corporation M052ZBN Datasheet HTML 44Page - Nuvoton Technology Corporation M052ZBN Datasheet HTML 45Page - Nuvoton Technology Corporation M052ZBN Datasheet HTML 46Page - Nuvoton Technology Corporation M052ZBN Datasheet HTML 47Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
NuMicro
M052/M054BN Datasheet
Publication Release Date: Mar. 19, 2012
- 43 -
Revision V1.01
PIIR to get interrupt source and Read PWM_CRLx/PWM_CFLx(x=0 and 3) to get capture value
and finally write 1 to clear PIIR. If interrupt latency will take time T0 to finish, the capture signal
mustn’t transition during this interval (T0). In this case, the maximum capture frequency will be
1/T0. For example:
HCLK = 50 MHz, PWM_CLK = 25 MHz, Interrupt latency is 900 ns
So the maximum capture frequency will is 1/900ns ≈ 1000 kHz
6.6.2
Features
6.6.2.1
PWM function features:
PWM group has two PWM generators. Each PWM generator supports one 8-bit prescaler, one
clock divider, two PWM-timers (down counter), one dead-zone generator and two PWM outputs.
Up to 16 bits resolution
PWM Interrupt request synchronized with PWM period
One-shot or Auto-reload mode PWM
Up to 2 PWM group (PWMA/PWMB) to support 8 PWM channels
6.6.2.2
Capture Function Features:
Timing control logic shared with PWM Generators
8 capture input channels shared with 8 PWM output channels
Each channel supports one rising latch register (CRLR), one falling latch register (CFLR)
and Capture interrupt flag (CAPIFx)


Numéro de pièce similaire - M052ZBN

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
M052ZBN ETC2-M052ZBN Datasheet
1Mb / 68P
   32-BIT MICROCONTROLLER
More results

Description similaire - M052ZBN

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com