Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I5116PY Fiches technique(PDF) 77 Page - Nuvoton Technology Corporation

No de pièce I5116PY
Description  SINGLE-CHIP
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

I5116PY Fiches technique(HTML) 77 Page - Nuvoton Technology Corporation

Back Button I5116PY Datasheet HTML 73Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 74Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 75Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 76Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 77Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 78Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 79Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 80Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 81Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 77 -
Revision 1.42
11.2.
28-LEAD 8X13.4MM PLASTIC THIN SMALL OUTLINE PACKAGE (TSOP) TYPE 1
Min
Nom
Max
Min
Nom
Max
A
0.520
0.528
0.535
13.20
13.40
13.60
B
0.461
0.465
0.469
11.70
11.80
11.90
C
0.311
0.315
0.319
7.90
8.00
8.10
D
0.002
0.006
0.05
0.15
E
0.007
0.009
0.011
0.17
0.22
0.27
F
0.0217
0.55
G
0.037
0.039
0.041
0.95
1.00
1.05
H
0
0
3
0
6
0
0
0
3
0
6
0
I
0.020
0.022
0.028
0.50
0.55
0.70
J
0.004
0.008
0.10
0.21
Note:
Lead coplanarity to be within 0.004 inches.
INCHES
MILLIMETERS
Plastic Thin Small Outline Package (TSOP) Type 1 Dimensions
5
6
7
8
9
10
11
12
13
14
2
3
4
15
16
17
18
19
20
21
22
23
24
25
26
27
28
A
B
G
F
C
D
E
H
J
I
A
B
G
C
F
E
H
J
4
8
10
1
2
3
5
6
7
9
11
12
13
14
18
20
24
17
16
15
19
21
22
23
25
26
27
28


Numéro de pièce similaire - I5116PY

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
I5116E WINBOND-I5116E Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
I5116EI WINBOND-I5116EI Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
I5116S WINBOND-I5116S Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
I5116SI WINBOND-I5116SI Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
I5116X WINBOND-I5116X Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
More results

Description similaire - I5116PY

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
   SINGLE CHIP ADSL2 CPE CHIP
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
   BLUETOOTH??SINGLE CHIP
May 2004 REV. 1
logo
Renesas Technology Corp
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M38049FFLSP RENESAS-M38049FFLSP_06 Datasheet
246Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
H8S-2128 RENESAS-H8S-2128 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
H83397 RENESAS-H83397 Datasheet
2Mb / 747P
   Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6475348R HITACHI-HD6475348R Datasheet
1Mb / 487P
   Single-Chip Microcomputer
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
Roithner LaserTechnik G...
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com