Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M052 Fiches technique(PDF) 30 Page - Nuvoton Technology Corporation

No de pièce M052
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M052 Fiches technique(HTML) 30 Page - Nuvoton Technology Corporation

Back Button M052 Datasheet HTML 26Page - Nuvoton Technology Corporation M052 Datasheet HTML 27Page - Nuvoton Technology Corporation M052 Datasheet HTML 28Page - Nuvoton Technology Corporation M052 Datasheet HTML 29Page - Nuvoton Technology Corporation M052 Datasheet HTML 30Page - Nuvoton Technology Corporation M052 Datasheet HTML 31Page - Nuvoton Technology Corporation M052 Datasheet HTML 32Page - Nuvoton Technology Corporation M052 Datasheet HTML 33Page - Nuvoton Technology Corporation M052 Datasheet HTML 34Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
NuMicro
M052/M054BN Datasheet
Publication Release Date: Mar. 19, 2012
- 30 -
Revision V1.01
6.3
Clock Controller
6.3.1
Overview
The clock controller generates the clocks for the whole chip, including system clocks and all
peripheral clocks. The clock controller also implements the power control function with the
individually clock ON/OFF control, clock source selection and clock divider. The chip will not enter
power-down mode until CPU sets the power down enable bit (PWR_DOWN_EN) and Cortex-M0
core executes the WFI instruction. After that, chip enter power-down mode and wait for wake-up
interrupt source triggered to leave power-down mode. In the power down mode, the clock
controller turns off the external crystal and internal 22.1184 MHz oscillator to reduce the overall
system power consumption.
6.3.2
Clock Generator Block Diagram
The clock generator consists of 4 sources which list below:
One external 4~24 MHz crystal
One internal 22.1184 MHz RC oscillator
One programmable PLL FOUT(PLL source consists of external 4~24 MHz crystal and
internal 22.1184M)
One internal 10 kHz oscillator


Numéro de pièce similaire - M052

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M052-LE NUVOTON-M052-LE Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
M052-LN NUVOTON-M052-LN Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
M052-ZE NUVOTON-M052-ZE Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
M052-ZN NUVOTON-M052-ZN Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
logo
List of Unclassifed Man...
M052LBN ETC2-M052LBN Datasheet
1Mb / 68P
   32-BIT MICROCONTROLLER
More results

Description similaire - M052

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com