Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISD5116SYI Fiches technique(PDF) 33 Page - Nuvoton Technology Corporation

No de pièce ISD5116SYI
Description  SINGLE-CHIP
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD5116SYI Fiches technique(HTML) 33 Page - Nuvoton Technology Corporation

Back Button ISD5116SYI Datasheet HTML 29Page - Nuvoton Technology Corporation ISD5116SYI Datasheet HTML 30Page - Nuvoton Technology Corporation ISD5116SYI Datasheet HTML 31Page - Nuvoton Technology Corporation ISD5116SYI Datasheet HTML 32Page - Nuvoton Technology Corporation ISD5116SYI Datasheet HTML 33Page - Nuvoton Technology Corporation ISD5116SYI Datasheet HTML 34Page - Nuvoton Technology Corporation ISD5116SYI Datasheet HTML 35Page - Nuvoton Technology Corporation ISD5116SYI Datasheet HTML 36Page - Nuvoton Technology Corporation ISD5116SYI Datasheet HTML 37Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 33 -
Revision 1.42
6.4.6
Ana Out Description
Chip Set
ANA OUT+
ANA OUT–
*VOL
*FILTO
*SUM2
3 (AOS2,AOS1,AOS0)
*FTHRU
1
(AOPD)
*INP
*SUM1
(1 Vp -p m a x. from AUX INo r ARRAY)
(69 4 mVp-p ma x. fro m microp hone input)
INS0
15
14
13
12
11
10
98
76
54
32
10
AIG1
AIG0 AIPD
AXG1 AXG0 AXPD
AOS2 AOS1 AOS0 AOPD OPS1 OPS0 OPA1 OPA0 VLPD
CFG0
6.4.7
Analog Inputs
Microphone Inputs
The microphone inputs transfer the voice signal to the on-chip AGC preamplifier or directly to the ANA
OUT MUX, depending on the selected path. The direct path to the ANA OUT MUX has a gain of 6
dB so a 208 mV p-p signal across the differential microphone inputs would give 416 mV p-p across
the ANA OUT pins. The AGC circuit has a range of 45 dB in order to deliver a nominal 694 mV p-p
into the storage array from a typical electric microphone output of 2 to 20 mV p-p. The input
impedance is typically 10kΩ.
The ACAP pin provides the capacitor connection for setting the parameters of the microphone AGC
circuit. It should have a 4.7 µF capacitor connected to ground. It cannot be left floating. This is
because the capacitor is also used in the playback mode for the AutoMute circuit. This circuit reduces
the amount of noise present in the output during quiet pauses. Tying this pin to ground gives
maximum gain; to VCCA gives minimum gain for the AGC amplifier but will cancel the AutoMute
function.
AOS2
AOS1
AOS0
SOURCE
0
0
0
FTHRU
0
0
1
INP
0
1
0
VOL
0
1
1
FILTO
1
0
0
SUM1
1
0
1
SUM2
1
1
0
N/C
1
1
1
N/C
AOPD
CONDITION
0
Power Up
1
Power Down
*DIFFERENTIAL PATH


Numéro de pièce similaire - ISD5116SYI

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
ISD5116SYI NUVOTON-ISD5116SYI Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
More results

Description similaire - ISD5116SYI

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
   SINGLE CHIP ADSL2 CPE CHIP
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
   BLUETOOTH??SINGLE CHIP
May 2004 REV. 1
logo
Renesas Technology Corp
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M38049FFLSP RENESAS-M38049FFLSP_06 Datasheet
246Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
H8S-2128 RENESAS-H8S-2128 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
H83397 RENESAS-H83397 Datasheet
2Mb / 747P
   Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6475348R HITACHI-HD6475348R Datasheet
1Mb / 487P
   Single-Chip Microcomputer
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
Roithner LaserTechnik G...
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com