Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I5108SY Fiches technique(PDF) 87 Page - Nuvoton Technology Corporation

No de pièce I5108SY
Description  SINGLE-CHIP
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

I5108SY Fiches technique(HTML) 87 Page - Nuvoton Technology Corporation

Back Button I5108SY Datasheet HTML 82Page - Nuvoton Technology Corporation I5108SY Datasheet HTML 83Page - Nuvoton Technology Corporation I5108SY Datasheet HTML 84Page - Nuvoton Technology Corporation I5108SY Datasheet HTML 85Page - Nuvoton Technology Corporation I5108SY Datasheet HTML 86Page - Nuvoton Technology Corporation I5108SY Datasheet HTML 87Page - Nuvoton Technology Corporation I5108SY Datasheet HTML 88Page - Nuvoton Technology Corporation I5108SY Datasheet HTML 89Page - Nuvoton Technology Corporation I5108SY Datasheet HTML 90Page - Nuvoton Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 87 -
Revision 1.42
ISD5102 Pad Coordinates
(with respect to die center in µm)
Pad
Pad Name
X Axis
Y Axis
VSSA
Analog Ground
1882.4
2306.65
RAC
Row Address Clock
1539.15
2306.65
INT
Interrupt
790.35
2306.65
XCLK
External Clock Input
478.55
2306.65
VCCD
Digital Supply Voltage
291.55
2306.65
VCCD
Digital Supply Voltage
76.15
2306.65
SCL
Serial Clock Line
-198.45
2306.65
A1
Address 1
-557.95
2306.65
SDA
Serial Data Address
-815.25
2306.65
A0
Address 0
-1366.45
2306.65
VSSD
Digital Ground
-1839.95
2306.65
VSSD
Digital Ground
-1668.35
2306.65
VSSA
Analog Ground
-1945.05
-2311.60
MIC+
Non-inverting Microphone Input
-1739.25
-2311.60
MIC-
Inverting Microphone Input
-1506.75
-2311.60
ANA OUT+
Non-inverting Analog Output
-1245.05
-2311.60
ANA OUT-
Inverting Analog Output
-910.85
-2311.60
ACAP
AGC/AutoMute Cap
-623.55
-2311.60
SP-
Speaker Negative
-127.75
-2311.60
VSSA
Analog Ground
205.85
-2311.60
VSSA
Analog Ground
295.85
-2311.60
SP+
Speaker Positive
629.45
-2311.60
VCCA
Analog Supply Voltage
963.05
-2311.60
VCCA
Analog Supply Voltage
1053.05
-2311.60
ANA IN
Analog Input
1260.35
-2311.60
AUX IN
Auxiliary Input
1525.95
-2311.60
AUX OUT
Auxiliary Output
1770.15
-2311.60


Numéro de pièce similaire - I5108SY

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
I5108S WINBOND-I5108S Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
I5108SI WINBOND-I5108SI Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
More results

Description similaire - I5108SY

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
   SINGLE CHIP ADSL2 CPE CHIP
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
   BLUETOOTH??SINGLE CHIP
May 2004 REV. 1
logo
Renesas Technology Corp
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M38049FFLSP RENESAS-M38049FFLSP_06 Datasheet
246Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
H8S-2128 RENESAS-H8S-2128 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
H83397 RENESAS-H83397 Datasheet
2Mb / 747P
   Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6475348R HITACHI-HD6475348R Datasheet
1Mb / 487P
   Single-Chip Microcomputer
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
Roithner LaserTechnik G...
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com