Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISD5108SYI Fiches technique(PDF) 9 Page - Nuvoton Technology Corporation

No de pièce ISD5108SYI
Description  SINGLE-CHIP
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD5108SYI Fiches technique(HTML) 9 Page - Nuvoton Technology Corporation

Back Button ISD5108SYI Datasheet HTML 5Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 6Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 7Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 8Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 9Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 10Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 11Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 12Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 13Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 9 -
Revision 1.42
6. FUNCTIONAL DESCRIPTION
6.1. OVERVIEW
6.1.1
Speech/Voice Quality
The ISD5100 ChipCorder Series can be configured via software to operate at 4.0, 5.3, 6.4 or 8.0 kHz
sampling frequency to select appropriate voice quality. Increasing the duration decreases the
sampling frequency and bandwidth, which affects audio quality. The table in the following section
shows the relationship between sampling frequency, duration and filter pass band.
6.1.2
Duration
To meet system requirements, the ISD5100 Series are single-chip solution, which provide 1 to 16
minutes of voice record and playback, depending upon the sample rates chosen.
Duration [1]
Sample Rate
(kHz)
ISD5116
ISD5108
ISD5104
ISD5102
Typical Filter
Knee (kHz)
8.0
8 min 44 sec
4 min 22 sec
2 min 11 sec
1 min 5 sec
3.4
6.4
10 min 55 sec
5 min 27 sec
2 min 43 sec
1 min 21 sec
2.7
5.3
13 min 6 sec
6 min 33 sec
3 min 17 sec
1 min 38 sec
2.3
4.0
17 min 28 sec
8 min 44 sec
4 min 22 sec
2 min 11 sec
1.7
[1] Minus any pages selected for digital storage
6.1.3
Flash Technology
One of the benefits of Nuvoton’s ChipCorder technology is the use of on-chip Flash memory, which
provides zero-power message storage. The message is retained for up to 100 years (typically) without
power. In addition, the device can be re-recorded over 10,000 times (typically) for the digital data and
over 100,000 times (typically) for the analog messages.
A new feature has been added that allows memory space in the ISD5100 Series to be allocated to
either digital or analog storage when recorded. The fact that a section has been assigned digital or
analog data is stored in the Message Address Table by the system microcontroller when the recording
is made.
6.1.4
Microcontroller Interface
The ISD5100 Series are controlled through an I
2C 2-wire interface. This synchronous serial port
allows commands, configurations, address data, and digital data to be loaded into the device, while
allowing status, digital data and current address information to be read back from the device. In
addition to the serial interface, two other status pins can feedback to the microcontroller for enhanced


Numéro de pièce similaire - ISD5108SYI

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
ISD5108SYI NUVOTON-ISD5108SYI Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
More results

Description similaire - ISD5108SYI

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
   SINGLE CHIP ADSL2 CPE CHIP
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
   BLUETOOTH??SINGLE CHIP
May 2004 REV. 1
logo
Renesas Technology Corp
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M38049FFLSP RENESAS-M38049FFLSP_06 Datasheet
246Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
H8S-2128 RENESAS-H8S-2128 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
H83397 RENESAS-H83397 Datasheet
2Mb / 747P
   Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6475348R HITACHI-HD6475348R Datasheet
1Mb / 487P
   Single-Chip Microcomputer
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
Roithner LaserTechnik G...
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com