Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISD5108SYI Fiches technique(PDF) 48 Page - Nuvoton Technology Corporation

No de pièce ISD5108SYI
Description  SINGLE-CHIP
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD5108SYI Fiches technique(HTML) 48 Page - Nuvoton Technology Corporation

Back Button ISD5108SYI Datasheet HTML 44Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 45Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 46Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 47Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 48Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 49Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 50Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 51Page - Nuvoton Technology Corporation ISD5108SYI Datasheet HTML 52Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 48 -
Revision 1.42
6.6. PIN DETAILS
6.6.1
Digital I/O Pins
SCL (Serial Clock Line)
The Serial Clock Line is a bi-directional clock line. It is an open-drain line requiring a pull-up resistor
to Vcc. It is driven by the "master" chips in a system and controls the timing of the data exchanged
over the Serial Data Line.
SDA (Serial Data Line)
The Serial Data Line carries the data between devices on the I
2C interface. Data must be valid on
this line when the SCL is HIGH. State changes can only take place when the SCL is LOW. This is
a bi-directional line requiring a pull-up resistor to Vcc.
RAC (Row Address Clock)
RAC is an open drain output pin that normally marks the end of a row. At the 8 kHz sample frequency,
the duration of this period is 256 ms. RAC stays HIGH for 248 ms and stays LOW for the remaining 8
ms before it reaches the end of a row. There are 2048 rows of memory in the ISD5116 devices, 1024
rows in the ISD5108, 512 rows in the ISD5104 and 256 rows in the ISD5102.
1 ROW
RAC Waveform
During 8 KHz Operation
256 msec
T
RAC
8 msec
T
RACL
The RAC pin remains HIGH for 500 µsec and stays LOW for 15.6 µsec under the Message Cueing
mode. See the Timing Parameters table on page 64 for RAC timing information at other sample
rates. When a record command is first initiated, the RAC pin remains HIGH for an extra TRACML period,
to load sample and hold circuits internal to the device. The RAC pin can be used for message
management techniques.
1 ROW
RAC Waveform
During Message Cueing
@ 8KHz Operation
500 usec
T
RACM
15.6 us
T
RACML


Numéro de pièce similaire - ISD5108SYI

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
ISD5108SYI NUVOTON-ISD5108SYI Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
More results

Description similaire - ISD5108SYI

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
   SINGLE CHIP ADSL2 CPE CHIP
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
   BLUETOOTH??SINGLE CHIP
May 2004 REV. 1
logo
Renesas Technology Corp
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M38049FFLSP RENESAS-M38049FFLSP_06 Datasheet
246Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
H8S-2128 RENESAS-H8S-2128 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
H83397 RENESAS-H83397 Datasheet
2Mb / 747P
   Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6475348R HITACHI-HD6475348R Datasheet
1Mb / 487P
   Single-Chip Microcomputer
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
Roithner LaserTechnik G...
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com