Moteur de recherche de fiches techniques de composants électroniques |
|
ISD5104 Fiches technique(PDF) 21 Page - Nuvoton Technology Corporation |
|
ISD5104 Fiches technique(HTML) 21 Page - Nuvoton Technology Corporation |
21 / 90 page ISD5100 SERIES Publication Release Date: Oct 31, 2008 - 21 - Revision 1.42 AGC AMP Power Down Filter Power Down SAMPLE RATE (& Filter) Set up (2 bits) FILTER MUX Select SUM 2 SUMMING AMP Control (2 bits) SUM 1 SUMMING AMP Control (2 bits) SUM 1 MUX Select (2 bits) VOLUME CONTROL (3 bits) VOLUME CONT. MUX Select (2 bits) Configuration Register 1 (CFG1) VLS1 VLS0 VOL2 VOL1 VOL0 S1S1 S1S0 S1M1 S1M0 S2M1 S2M0 FLS0 FLD1 FLD0 FLPD AGPD D15 D14 D13 D12 D11 D10 D9 D8 D7 D 6 D5 D4 D3 D2 D1 D0 AGC AMP Power Down Filter Power Down SAMPLE RATE (& Filter) Set up (2 bits) FILTER MUX Select SUM 2 SUMMING AMP Control (2 bits) SUM 1 SUMMING AMP Control (2 bits) SUM 1 MUX Select (2 bits) VOLUME CONTROL (3 bits) VOLUME CONT. MUX Select (2 bits) Configuration Register 1 (CFG1) VLS1 VLS0 VOL2 VOL1 VOL0 S1S1 S1S0 S1M1 S1M0 S2M1 S2M0 FLS0 FLD1 FLD0 FLPD AGPD D15 D14 D13 D12 D11 D10 D9 D8 D7 D 6 D5 D4 D3 D2 D1 D0 VLS1 VLS0 VOL2 VOL1 VOL0 S1S1 S1S0 S1M1 S1M0 S2M1 S2M0 FLS0 FLD1 FLD0 FLPD AGPD D15 D14 D13 D12 D11 D10 D9 D8 D7 D 6 D5 D4 D3 D2 D1 D0 VLS1 VLS0 VOL2 VOL1 VOL0 S1S1 S1S0 S1M1 S1M0 S2M1 S2M0 FLS0 FLD1 FLD0 FLPD AGPD D15 D14 D13 D12 D11 D10 D9 D8 D7 D 6 D5 D4 D3 D2 D1 D0 6.3.6 Power-up Sequence This sequence prepares the ISD5100 Series for an operation to follow, waiting the Tpud time before sending the next command sequence. 1. Send I 2C POWER UP 2. Send one byte 10000000 {Slave Address, R/W = 0} 80h 3. Slave ACK 4. Wait for SCL High 5. Send one byte 10000000 {Command Byte = Power Up} 80h 6. Slave ACK 7. Wait for SCL High 8. Send I 2C STOP Playback Mode The command sequence for an analog Playback operation can be handled several ways. The most straightforward approach would be to incorporate a single four byte exchange, which consists of the Slave Address (80h), the Command Byte (A9h) for Play Analog @ Address, and the two address bytes. |
Numéro de pièce similaire - ISD5104 |
|
Description similaire - ISD5104 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |