Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ISD5104 Datasheet(Fiches technique) 82 Page - Nuvoton Technology Corporation

Numéro de pièce ISD5104
Description  SINGLE-CHIP
Télécharger  90 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 82 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 82 -
Revision 1.42
11.6.
ISD5108 DIE INFORMATION
ISD5108
V
SSA
MIC +
MIC -
ANA OUT +
ANA OUT -
ACAP
SP -
V
SSA
[2]
SP +
V
CCA
[2]
ANA IN
AUX IN
AUX OUT
V
SSD
V
SSD
A0
SDA
A1
SCL
V
CCD
XCLK
RAC
V
SSA
INT
V
CCD
ISD5108 Device
Die Dimensions (include scribe line)
X: 4230 µm
Y: 6090 µm
Die Thickness [3]
292.1 µm ± 12.7 µm
Pad Opening
Single pad: 90 x 90 µm
Double pad: 180 x 90 µm
Notes
1.
The backside of die is internally connected to Vss. It MUST NOT be connected to any other potential or
damage may occur.
2.
Double bond recommended, if treated as single doubled-pad.
3.
This figure reflects the current die thickness. Please contact Nuvoton as this thickness may change in the
future.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl