Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC7445ARX933LG Fiches technique(PDF) 9 Page - Freescale Semiconductor, Inc

No de pièce MC7445ARX933LG
Description  RISC Microprocessor Hardware Specifications
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7445ARX933LG Fiches technique(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC7445ARX933LG Datasheet HTML 5Page - Freescale Semiconductor, Inc MC7445ARX933LG Datasheet HTML 6Page - Freescale Semiconductor, Inc MC7445ARX933LG Datasheet HTML 7Page - Freescale Semiconductor, Inc MC7445ARX933LG Datasheet HTML 8Page - Freescale Semiconductor, Inc MC7445ARX933LG Datasheet HTML 9Page - Freescale Semiconductor, Inc MC7445ARX933LG Datasheet HTML 10Page - Freescale Semiconductor, Inc MC7445ARX933LG Datasheet HTML 11Page - Freescale Semiconductor, Inc MC7445ARX933LG Datasheet HTML 12Page - Freescale Semiconductor, Inc MC7445ARX933LG Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
9
General Parameters
4
General Parameters
The following list provides a summary of the general parameters of the MPC7455:
Technology
0.18 µ m CMOS, six-layer metal
Die size
8.69 mm
× 12.17 mm (106 mm2)
Transistor count
33 million
Logic design
Fully-static
Packages
MPC7445: Surface mount 360 ceramic ball grid array (CBGA)
MPC7455: Surface mount 483 ceramic ball grid array (CBGA)
Core power supply
1.3 V ± 50 mV DC nominal
I/O power supply
1.8 V ± 5% DC, or
2.5 V ± 5% DC, or
1.5 V ± 5% DC (L3 interface only)
Cache level
L2
L2
L2 tags and controller
only (see off-chip cache
support below)
Size/associativity
256-Kbyte/8-Way
256-Kbyte/8-Way
Access width
256 Bits
256 Bits
Number of 32-byte sectors/line
2
2
Parity
Byte
Byte
Off-Chip Cache Support 2
Cache level
L3L3L2
On-chip tag logical size
1MB, 2MB
1MB, 2MB
0.5MB, 1MB, 2MB
Associativity
8-Way
8-Way
2-Way
Number of 32-byte sectors/line
2, 4
2, 4
1, 2, 4
Off-chip data SRAM support
MSUG2 DDR, LW, PB2 MSUG2 DDR, LW, PB2
LW, PB2, PB3
Data path width
64
64
64
Direct mapped SRAM sizes
1 Mbyte, 2 Mbytes
1 Mbyte, 2 Mbytes
0.5 Mbyte, 1 Mbyte,
2Mbytes 3
Parity
Byte
Byte
Byte
Notes:
1. Numbers in parentheses are for 2:1 SRAM.
2. Not implemented on MPC7445 or MPC7441.
3. Private memory feature not implemented on MPC7400.
Table 1. Microarchitecture Comparison (continued)
Microarchitectural Specs
MPC7455/MPC7445
MPC7450/MPC7451/
MPC7441
MPC7400/MPC7410


Numéro de pièce similaire - MC7445ARX933LG

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC7447A FREESCALE-MC7447A Datasheet
254Kb / 8P
   PowerPC microprocessor
logo
NXP Semiconductors
MC7447AHX1000LB NXP-MC7447AHX1000LB Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
logo
Freescale Semiconductor...
MC7447AHX1000NB FREESCALE-MC7447AHX1000NB Datasheet
254Kb / 8P
   PowerPC microprocessor
logo
NXP Semiconductors
MC7447AHX1000NB NXP-MC7447AHX1000NB Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
MC7447AHX1000NB NXP-MC7447AHX1000NB Datasheet
129Kb / 8P
   Hardware Specification Addendum for the MC7447AxxnnnnNx Series
Rev. 3, 09/2005
More results

Description similaire - MC7445ARX933LG

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
   RISC Microprocessor Hardware Specifications
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
logo
Motorola, Inc
MPC755 MOTOROLA-MPC755 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC7447AEC NXP-MPC7447AEC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
logo
Freescale Semiconductor...
MPC7447A FREESCALE-MPC7447A_06 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
MPC7448 FREESCALE-MPC7448 Datasheet
1Mb / 60P
   RISC Microprocessor Hardware Specifications
MPC7448EC FREESCALE-MPC7448EC Datasheet
753Kb / 60P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com