Moteur de recherche de fiches techniques de composants électroniques |
|
93AA66BXTIOTG Fiches technique(PDF) 1 Page - Microchip Technology |
|
93AA66BXTIOTG Fiches technique(HTML) 1 Page - Microchip Technology |
1 / 24 page 2003 Microchip Technology Inc. DS21795B-page 1 93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C Device Selection Table Features • Low-power CMOS technology • ORG pin to select word size for ‘66C version • 512 x 8-bit organization ‘A’ ver. devices (no ORG) • 256 x 16-bit organization ‘B’ ver. devices (no ORG) • Self-timed ERASE/WRITE cycles (including auto-erase) • Automatic ERAL before WRAL • Power on/off data protection circuitry • Industry standard 3-wire serial I/O • Device Status signal (READY/BUSY) • Sequential READ function • 1,000,000 E/W cycles • Data retention > 200 years • Temperature ranges supported: Pin Function Table Description The Microchip Technology Inc. 93XX66A/B/C devices are 4K bit low voltage serial Electrically Erasable PROMs (EEPROM). Word-selectable devices such as the 93AA66C, 93LC66C or 93C66C are dependent upon external logic levels driving the ORG pin to set word size. For dedicated 8-bit communication, the 93AA66A, 93LC66A or 93C66A devices are available, while the 93AA66B, 93LC66B and 93C66B devices provide dedicated 16-bit communication. Advanced CMOS technology makes these devices ideal for low power, non-volatile memory applications. The entire 93XX Series is available in standard packages includ- ing 8-lead PDIP and SOIC, and advanced packaging including 8-lead MSOP, 6-lead SOT-23, and 8-lead TSSOP. Pb-free (Pure Matte Sn) finish is also available. Package Types (not to scale) Part Number VCC Range ORG Pin Word Size Temp Ranges Packages 93AA66A 1.8-5.5 No 8-bit I P, SN, ST, MS, OT 93AA66B 1.8-5-5 No 16-bit I P, SN, ST, MS, OT 93LC66A 2.5-5.5 No 8-bit I, E P, SN, ST, MS, OT 93LC66B 2.5-5.5 No 16-bit I, E P, SN, ST, MS, OT 93C66A 4.5-5.5 No 8-bit I, E P, SN, ST, MS, OT 93C66B 4.5-5.5 No 16-bit I, E P, SN, ST, MS, OT 93AA66C 1.8-5.5 Yes 8 or 16-bit I P, SN, ST, MS 93LC66C 2.5-5.5 Yes 8 or 16-bit I, E P, SN, ST, MS 93C66C 4.5-5.5 Yes 8 or 16-bit I, E P, SN, ST, MS - Industrial (I) -40°C to +85°C - Automotive (E) -40°C to +125°C Name Function CS Chip Select CLK Serial Data Clock DI Serial Data Input DO Serial Data Output VSS Ground NC No internal connection ORG Memory Configuration VCC Power Supply CS CLK DI DO 1 2 3 4 8 7 6 5 VCC NC ORG* VSS PDIP/SOIC (P, SN) CS CLK DI DO 1 2 3 4 8 7 6 5 VCC NC ORG* VSS ROTATED SOIC (ex: 93LC66BX) TSSOP/MSOP CS CLK DI DO 1 2 3 4 8 7 6 5 VCC NC ORG* VSS (ST, MS) SOT-23 DO VSS DI 1 2 3 6 5 4 VCC CS CLK (OT) * ORG pin is NC on A/B devices 4K Microwire Compatible Serial EEPROM |
Numéro de pièce similaire - 93AA66BXTIOTG |
|
Description similaire - 93AA66BXTIOTG |