Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4053BQPWRQ1 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce CD4053BQPWRQ1
Description  CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD4053BQPWRQ1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button CD4053BQPWRQ1 Datasheet HTML 7Page - Texas Instruments CD4053BQPWRQ1 Datasheet HTML 8Page - Texas Instruments CD4053BQPWRQ1 Datasheet HTML 9Page - Texas Instruments CD4053BQPWRQ1 Datasheet HTML 10Page - Texas Instruments CD4053BQPWRQ1 Datasheet HTML 11Page - Texas Instruments CD4053BQPWRQ1 Datasheet HTML 12Page - Texas Instruments CD4053BQPWRQ1 Datasheet HTML 13Page - Texas Instruments CD4053BQPWRQ1 Datasheet HTML 14Page - Texas Instruments CD4053BQPWRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CD4051BQ1, CD4052BQ1, CD4053BQ1
CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
WITH LOGIC-LEVEL CONVERSION
SCHS354 − AUGUST 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
NOTE: The A, B, C, and INH input logic levels are L = VSS and H = VDD. The analog signal (through the TG) may swing from VEE to VDD.
7
8
(B)
(C)
(D)
(A)
16
16
16
16
7
8
7
8
7
8
5 V
5 V
VSS = 0 V
VSS = 0 V
VSS = 0 V
VSS = 0 V
VEE = –5 V
VEE = –10 V
VEE = –7.5 V
VEE = 0 V
VDD = 15 V
VDD = 7.5 V
VDD = 5 V
VDD = 5 V
7.5 V
Figure 9. Typical Bias-Voltage Test Circuits
Figure 10. Channel Turned ON Waveforms
(RL = 1 kΩ)
tf = 20 ns
10%
10%
90%
50%
10%
50%
90%
10%
50%
90%
tr = 20 ns
Turn-Off Time
Turn-On Time
Figure 11. Channel Turned OFF Waveforms
(RL = 1 kΩ)
tf = 20 ns
10%
90%
50%
10%
50%
90%
10%
90%
tr = 20 ns
Turn-Off Time
Turn-On Time
tPHZ


Numéro de pièce similaire - CD4053BQPWRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4053BQPWRQ1 TI1-CD4053BQPWRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Description similaire - CD4053BQPWRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4051B TI-CD4051B_10 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4051B HARRIS-CD4051B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051B TI-CD4051B Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com