Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51020DBTR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51020DBTR
Description  DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51020DBTR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS51020DBTR Datasheet HTML 2Page - Texas Instruments TPS51020DBTR Datasheet HTML 3Page - Texas Instruments TPS51020DBTR Datasheet HTML 4Page - Texas Instruments TPS51020DBTR Datasheet HTML 5Page - Texas Instruments TPS51020DBTR Datasheet HTML 6Page - Texas Instruments TPS51020DBTR Datasheet HTML 7Page - Texas Instruments TPS51020DBTR Datasheet HTML 8Page - Texas Instruments TPS51020DBTR Datasheet HTML 9Page - Texas Instruments TPS51020DBTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TPS51020
SLUS564B − JULY 2003 − REVISED DECEMBER 2003
6
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TA = −40°C to 85°C, 4.5 V < VIN < 20 V, CVIN = 0.1 µF, CVREG5 = 2.2 µF, CREF_X = 0.01 µF, PGOOD = 0.2 V, ENBLx = DDR = VIN,
INVx = COMPx, RSSTRTx = OPEN, TRIP1 = TRIP2 = VIN, LLx = GND, VBSTx = LLX+5, C(OUTx_U, OUTx_D)=1 nF, REG5_IN = 0V, GND =
OUTGNDx = 0 V, VO1_VDDQ = VO2 = 0 V (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TIMERS: SOFT-START RAMP GENERATOR
ISSQ
SSTRTx charge current
VSSTRTx = 1 V
1.8
2.3
2.9
µA
ISSDQ
SSTRTx discharge current
VSSTRTx = 0.5 V
0.1
mA
VREFTRK
SSTRTx at SMPS regulation point voltage(7)
1.00
1.22
1.45
VSSOK
SSTRTx OK to restart voltage
0.23
0.29
0.35
V
VSSFIN
SSTRTx finished voltage(8)
1.4
1.5
1.6
V
VSSCLP
SSTRTx frequency select voltage(9)
3.35
3.60
3.80
OUTPUTS: INTERNAL BST DIODE
VFBST
Forward voltage
(VVREF5− VVBSTx),VVREF5 = 5 V, IF = 10 mA
TA = 25°C
0.80
0.85
V
IRBST
Reverse current
VRBST= 30 V
0.1
0.5
µA
OUTPUTS: N-CHANNEL MOSFET GATE DRIVERS
RUSRC
OUTx_U source impedance
3
10
RDSRC
OUTx_D source impedance
3
10
RUSNK
OUTx_U sink impedance
2.5
5.0
RDSNK
OUTx_D sink impedance
2.5
5.0
TDEAD
Gate non-overlap dead time
100
ns
(1) Ensured by design. Not production tested.
(2) Maximum 450-kHz frequency can be achieved only when both channels are enabled.
(3) 270 kHz is the default frequency during start-up for both channels.
(4) See Table 1.
(5) See PWM detailed description
(6) Feedforward Gain can be approximated as follows:
VRAMP= K1×VIN+B1, VOFFSET=K2×VIN×+B2 where K1=0.017, K2=0.01, B1=0.35 V, B2=0.4 V.
At the running duty cycle, the VCOMP should be approximately: VCOMP + VOUT
K1
) B1
VIN
) (K2
VIN
) B2)
(7) See waveform point A in Figure 1
(8) See waveform point B in Figure 1
(9) See waveform point C in Figure 1
Table 1. Frequency Selection
SSTRT1
SSTRT2
FREQUENCY (kHz)
CSSTRT only
CSSTRT only
450(10)
1 M
Ω || CSSTRT to GND
CSSTRT only
360
CSSTRT only
1 M
Ω || CSSTRT to GND
360
1 M
Ω || CSSTRT to GND
1 M
Ω || CSSTRT to GND
270
(10)Although selection is made by placing a 1M resistor in parallel with the SSTRTx timing
capacitor, the softstart time to 0.85V is altered by about only 20%.


Numéro de pièce similaire - TPS51020DBTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102DBT TI-TPS5102DBT Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBT TI1-TPS5102IDBT Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBTG4 TI1-TPS5102IDBTG4 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBTR TI1-TPS5102IDBTR Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
More results

Description similaire - TPS51020DBTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
   DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
logo
Texas Instruments
TPS51427A TI1-TPS51427A Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI-TPS51427A_15 Datasheet
2Mb / 43P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI-TPS51427 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
logo
ON Semiconductor
NCP5215 ONSEMI-NCP5215 Datasheet
2Mb / 21P
   Dual Synchronous Buck Controller for Notebook Power System
October, 2008 ??Rev. 5
logo
Texas Instruments
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
logo
Exar Corporation
XRP6142 EXAR-XRP6142 Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com