Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51020 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51020
Description  DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51020 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS51020 Datasheet HTML 1Page - Texas Instruments TPS51020 Datasheet HTML 2Page - Texas Instruments TPS51020 Datasheet HTML 3Page - Texas Instruments TPS51020 Datasheet HTML 4Page - Texas Instruments TPS51020 Datasheet HTML 5Page - Texas Instruments TPS51020 Datasheet HTML 6Page - Texas Instruments TPS51020 Datasheet HTML 7Page - Texas Instruments TPS51020 Datasheet HTML 8Page - Texas Instruments TPS51020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPS51020
SLUS564B − JULY 2003 − REVISED DECEMBER 2003
DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS,
STEPDOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
1
www.ti.com
FEATURES
D Wide Input Voltage Range: 4.5-V to 28-V
D Selectable Dual and DDR Modes
D Selectable Fixed Frequency Voltage Mode
D Integrated Selectable Output Discharge
D Advanced Power Good Logic Monitors both
Channels
D Selectable Autoskip Mode
D Integrated Boot Strap Diodes
D 180° Phase Shift Between Channels
D Integrated 5-V, 60-mA Regulator
D Input Feedforward Control
D 1% Internal 0.85-V Reference
D RDS(on) Overcurrent Detection (4200 ppm/°C)
D Integrated OVP, UVP and Power Good Timers
D 30-pin TSSOP Package
APPLICATIONS
D Notebook Computers System Bus and I/O
D DDR I or DDR II Termination
DESCRIPTION
The
TPS51020
is
a
multi-function
dual-
synchronous step-down controller for notebook
system power. The part is specifically designed
for high performance, high efficiency applications
where the loss associated with a current sense
resistor is unacceptable. The TPS51020 utilizes
feed forward voltage mode control to attain high
efficiency
without
sacrificing
line
response.
Efficiency at light load conditions can be
maintained high as well by incorporating autoskip
operation. A selectable, Suspend to RAM (STR)
supported, DDR option provides a one chip
solution for all switching applications from
5-V/3.3-V supply to a complete DDR termination
solution.
ORDERING INFORMATION
TA
PLASTIC TSSOP (DBT)
−40
°C to 85°C
TPS51020DBT
−40
°C to 85°C
TPS51020DBTR (T&R)
SIMPLIFIED
APPLICATION
DIAGRAM
UDG−03144
VO1
1
2
3
4
5
6
7
8
9
10
11
12
TPS51020
COMP2
SSTRT2
PGOOD
VO2
ENBL2
ENBL1
REF_X
GND
DDR
VO1_VDDQ
SSTRT1
COMP1
17
16
20
19
18
REG5_IN
VREG5
VBST2
OUT2_U
LL2
23
22
21
26
25
24
29
28
27
30
OUT2_D
OUTGND2
VIN
TRIP1
OUTGND1
OUT1_D
LL1
OUT1_U
VBST1
13
14
15 INV2
INV1
SKIP
VIN
VIN
VO2
VIN
VO2
VO1
VIN
VO1
VO2
VREG5
TRIP2
VREG5
EXT_5V
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Numéro de pièce similaire - TPS51020

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102DBT TI-TPS5102DBT Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBT TI1-TPS5102IDBT Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBTG4 TI1-TPS5102IDBTG4 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBTR TI1-TPS5102IDBTR Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
More results

Description similaire - TPS51020

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
   DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
logo
Texas Instruments
TPS51427A TI1-TPS51427A Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI-TPS51427A_15 Datasheet
2Mb / 43P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI-TPS51427 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
logo
ON Semiconductor
NCP5215 ONSEMI-NCP5215 Datasheet
2Mb / 21P
   Dual Synchronous Buck Controller for Notebook Power System
October, 2008 ??Rev. 5
logo
Texas Instruments
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
logo
Exar Corporation
XRP6142 EXAR-XRP6142 Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com