Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9958 Fiches technique(PDF) 28 Page - Analog Devices

No de pièce AD9958
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9958 Fiches technique(HTML) 28 Page - Analog Devices

Back Button AD9958 Datasheet HTML 24Page - Analog Devices AD9958 Datasheet HTML 25Page - Analog Devices AD9958 Datasheet HTML 26Page - Analog Devices AD9958 Datasheet HTML 27Page - Analog Devices AD9958 Datasheet HTML 28Page - Analog Devices AD9958 Datasheet HTML 29Page - Analog Devices AD9958 Datasheet HTML 30Page - Analog Devices AD9958 Datasheet HTML 31Page - Analog Devices AD9958 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
AD9958
Rev. 0 | Page 28 of 40
I/O_UPDATE, SYNC_CLK, AND SYSTEM CLOCK
RELATIONSHIPS
The I/O UPDATE is essentially over sampled by the
SYNC_CLK. Therefore, I/O_UPDATE must have a
minimum pulse width greater than one SYNC_CLK period.
I/O_UPDATE and SYNC_CLK are used together to transfer
data from the serial I/O buffer to the active registers in the
device. Data in the buffer is inactive.
The timing diagram shown in Figure 39 depicts when data in
the buffer is transferred to the active registers.
SYNC_CLK is a rising edge active signal. It is derived from
the system clock and a divide-by-4 frequency divider. The
SYNC_CLK is externally provided, which can be used to
synchronize external hardware to the AD9958’s internal clocks.
I/O_UPDATE initiates the start of a buffer transfer. It can be
sent synchronously or asynchronous relative to the SYNC_CLK.
If the set-up time between these signals is met, then constant
latency (pipeline) to the DAC output exists. For example, if
repetitive changes to phase offset via the SPI port are desired,
the latency of those changes to the DAC output is constant,
otherwise a time uncertainty of 1 SYNC_CLK period is present.
SYNC_CLK
SYSCLK
AB
DATA 2
DATA 3
DATA 1
DATA IN
REGISTERS
DATA IN
I/O BUFFERS
DATA 1
DATA 2
DATA 3
I/O UPDATE
THE DEVICE REGISTERS AN I/O UPDATE AT POINT A. THE DATA IS TRANSFERRED FROM THE ASYNCHRONOUSLY LOADED I/O BUFFERS AT POINT B.
Figure 39.


Numéro de pièce similaire - AD9958

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9958 AD-AD9958 Datasheet
659Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
AD9958 AD-AD9958 Datasheet
121Kb / 3P
   Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
AD9958 AD-AD9958 Datasheet
810Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
AD9958/PCBZ AD-AD9958/PCBZ Datasheet
659Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
AD9958BCPZ AD-AD9958BCPZ Datasheet
659Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
More results

Description similaire - AD9958

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9958 AD-AD9958_16 Datasheet
810Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
AD9958 AD-AD9958_08 Datasheet
659Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_08 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_15 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_V01 Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959 AD-AD9959 Datasheet
246Kb / 9P
   4 Channel 500MSPS DDS with 10-bit DACs
Rev. PrB
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
   LVDS Interface, 500 MSPS DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com