Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC2G02DC Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74HC2G02DC
Description  Dual 2-input NOR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G02DC Fiches technique(HTML) 4 Page - NXP Semiconductors

  74HC2G02DC Datasheet HTML 1Page - NXP Semiconductors 74HC2G02DC Datasheet HTML 2Page - NXP Semiconductors 74HC2G02DC Datasheet HTML 3Page - NXP Semiconductors 74HC2G02DC Datasheet HTML 4Page - NXP Semiconductors 74HC2G02DC Datasheet HTML 5Page - NXP Semiconductors 74HC2G02DC Datasheet HTML 6Page - NXP Semiconductors 74HC2G02DC Datasheet HTML 7Page - NXP Semiconductors 74HC2G02DC Datasheet HTML 8Page - NXP Semiconductors 74HC2G02DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2003 May 14
4
Philips Semiconductors
Product specification
Dual 2-input NOR gate
74HC2G02; 74HCT2G02
handbook, halfpage
1
2
3
4
8
7
6
5
MNA715
02
VCC
1Y
1B
2B
2A
GND
2Y
1A
Fig.1 Pin configuration.
handbook, halfpage
MNA716
1A
1B
1Y
2
1
7
2A
2B
2Y
6
5
3
Fig.2 Logic symbol.
handbook, halfpage
MNA717
7
≥ 1
≥ 1
2
1
3
6
5
Fig.3 IEC logic symbol.
handbook, halfpage
MNA105
B
A
Y
Fig.4 Logic diagram (one driver).


Numéro de pièce similaire - 74HC2G02DC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC2G02DC NXP-74HC2G02DC Datasheet
91Kb / 13P
   Dual 2-input NOR gate
Rev. 04-11 May 2009
logo
Nexperia B.V. All right...
74HC2G02DC NEXPERIA-74HC2G02DC Datasheet
210Kb / 12P
   Dual 2-input NOR gate
Rev. 6 - 26 July 2018
74HC2G02DC-Q100 NEXPERIA-74HC2G02DC-Q100 Datasheet
210Kb / 12P
   Dual 2-input NOR gate
74HC2G02DC-Q100 NEXPERIA-74HC2G02DC-Q100 Datasheet
209Kb / 12P
   Dual 2-input NOR gate
Rev. 2 - 26 July 2018
More results

Description similaire - 74HC2G02DC

FabricantNo de pièceFiches techniqueDescription
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
   DUAL 2-INPUT NOR GATE
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
   Dual 2-Input NOR Gate
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_13 Datasheet
109Kb / 5P
   Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
   Dual 2-input NOR gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02 Datasheet
55Kb / 6P
   Dual 2-Input NOR Gate
March, 2004 ??Rev. 6
logo
Diodes Incorporated
74LVC2G02 DIODES-74LVC2G02 Datasheet
509Kb / 11P
   DUAL 2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com