Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29DL320GT70WDI Fiches technique(PDF) 3 Page - SPANSION

No de pièce AM29DL320GT70WDI
Description  For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path.
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

AM29DL320GT70WDI Fiches technique(HTML) 3 Page - SPANSION

  AM29DL320GT70WDI Datasheet HTML 1Page - SPANSION AM29DL320GT70WDI Datasheet HTML 2Page - SPANSION AM29DL320GT70WDI Datasheet HTML 3Page - SPANSION AM29DL320GT70WDI Datasheet HTML 4Page - SPANSION AM29DL320GT70WDI Datasheet HTML 5Page - SPANSION AM29DL320GT70WDI Datasheet HTML 6Page - SPANSION AM29DL320GT70WDI Datasheet HTML 7Page - SPANSION AM29DL320GT70WDI Datasheet HTML 8Page - SPANSION AM29DL320GT70WDI Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
Publication# 25769
Rev: C Amendment/ 2
Issue Date: September 27, 2004
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29DL320G
32 Megabit (4 M x 8-Bit/2 M x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in another bank
— Zero latency between read and write operations
■ Flexible BankTM architecture
— Read may occur in any of the three banks not being
written or erased.
— Four banks may be grouped by customer to achieve
desired bank divisions.
■ 256-byte SecSi™ (Secured Silicon) Sector
— Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number;
verifiable as factory locked through autoselect
function. ExpressFlash option allows entire sector to
be available for factory-secured data
— Customer lockable: One time programmable. Once
locked, data cannot be changed.
■ Zero Power Operation
— Sophisticated power management circuits reduce
power consumed during inactive periods to nearly
zero
■ Package options
— 63-ball FBGA
— 48-ball FBGA
— 48-pin TSOP
— 64-ball Fortified BGA
■ Top or bottom boot blocks
■ Manufactured on 0.17 µm process technology
■ Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash standard
PERFORMANCE CHARACTERISTICS
■ High performance
— Access time as fast 70 ns
— Program time: 4 µs/word typical utilizing Accelerate
function
■ Ultra low power consumption (typical values)
— 2 mA active read current at 1 MHz
— 10 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
■ Minimum 1 million write cycles guaranteed per sector
■ 20 year data retention at 125°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
■ Data Management Software (DMS)
— AMD-supplied software manages data programming,
enabling EEPROM emulation
— Eases historical sector erase flash limitations
■ Supports Common Flash Memory Interface (CFI)
■ Erase Suspend/Erase Resume
— Suspends erase operations to allow reading from
other sectors in the same bank
■ Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
■ Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
HARDWARE FEATURES
■ Any combination of sectors can be erased
■ Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase
cycle completion
■ Hardware reset pin (RESET#)
— Hardware method of resetting the internal state
machine to the read mode
■ WP#/ACC input pin
— Write protect (WP#) function allows protection of two
outermost boot sectors, regardless of sector protect
status
— Acceleration (ACC) function accelerates program
timing
■ Sector protection
— Hardware method of locking a sector, either
in-system or using programming equipment, to
prevent any program or erase operation within that
sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system
For new designs involving TSOP packages, S29JL032H supersedes Am29DL320G and is the factory-recom-
mended migration path. Please refer to the S29JL032H Datasheet for specifications and ordering information.
For new designs involving Fine-pitch BGA (FBGA) packages, S29PL032J supersedes Am29DL320G and is
the factory-recommended migration path. Please refer to the S29PL032J Datasheet for specifications and
ordering information.


Numéro de pièce similaire - AM29DL320GT70WDI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29DL320GT70WDI AMD-AM29DL320GT70WDI Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL320GT70WDIN AMD-AM29DL320GT70WDIN Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

Description similaire - AM29DL320GT70WDI

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Zarlink Semiconductor I...
SL1640 ZARLINK-SL1640 Datasheet
80Kb / 6P
   THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS
logo
List of Unclassifed Man...
IXTH12N100Q ETC2-IXTH12N100Q Datasheet
9Kb / 1P
   Not for New Designs: Contact the factory for lead times (part is still available for purchase).
logo
Texas Instruments
NE555 TI-NE555 Datasheet
227Kb / 15P
[Old version datasheet]   PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com