Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2854B Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2854B
Description  ADVANCED HIGH-POWER FACTOR PREREGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2854B Fiches technique(HTML) 1 Page - Texas Instruments

  UC2854B Datasheet HTML 1Page - Texas Instruments UC2854B Datasheet HTML 2Page - Texas Instruments UC2854B Datasheet HTML 3Page - Texas Instruments UC2854B Datasheet HTML 4Page - Texas Instruments UC2854B Datasheet HTML 5Page - Texas Instruments UC2854B Datasheet HTML 6Page - Texas Instruments UC2854B Datasheet HTML 7Page - Texas Instruments UC2854B Datasheet HTML 8Page - Texas Instruments UC2854B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
UC1854B
UC2854A, UC2854B
UC3854A, UC3854B
SLUS329B − JUNE 1998 − REVISED FEBRUARY 2005
ADVANCED HIGHPOWER FACTOR
PREREGULATOR
1
www.ti.com
FEATURES
D Controls Boost PWM to Near-Unity Power
Factor
D Limits Line Current Distortion To < 3%
D World-Wide Operation Without Switches
D Accurate Power Limiting
D Fixed-Frequency Average Current-Mode
Control
D High Bandwidth (5 MHz), Low-Offset Current
Amplifier
D Integrated Current- and Voltage Amplifier
Output Clamps
D Multiplier Improvements: Linearity, 500 mV
VAC Offset (Eliminates External Resistor), 0 V
to 5 V Multout Common-Mode Range
D VREF GOOD Comparator
D Faster and Improved Accuracy ENABLE
Comparator
D UVLO Options (16 V/10 V or 10.5 V/10 V)
D 300-µA Start-Up Supply Current
BLOCK DIAGRAM
DESCRIPTION
The UC3854A/B products are pin compatible
enhanced versions of the UC3854. Like the
UC3854, these products provide all of the
functions necessary for active power factor
corrected preregulators. The controller achieves
near unity power factor by shaping the AC input
line current waveform to correspond to the AC
input line voltage. To do this the UC3854A/B uses
average current mode control. Average current
mode control maintains stable, low distortion
sinusoidal line current without the need for slope
compensation, unlike peak current mode control.
A 1% 7.5 V reference, fixed frequency oscillator,
PWM, voltage amplifier with soft-start, line voltage
feedforward (VRMS squarer), input supply voltage
clamp, and over current comparator round out the
list of features.
Available in the 16-pin N (PDIP), DW (SOIC-
Wide), and J (CDIP) and 20-pin Q (PLCC)
package. See ordering information on page 3 for
availability by temperature range.
UDG−03110
10
11
6
8
15
1
16
ENA
VSENSE
IAC
VRMS
VCC
GND
GTDRV
2.65 V / 2.15 V
3 V
7
VAO
13
SS
X2
A
B
C
(A) 16 V / 10 V
(B) 10.5 V / 10 V
5
MOUT
4
ISENSE
3
CAO
14
CT
OSC
12
RSET
SQ
R
R
2
PKLMT
20 V
IC
POWER
7.5 V REF
9
REF
RUN
7.1 V
RUN
VCC
14
µA
I
MOUT +
A
B
C
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated


Numéro de pièce similaire - UC2854B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854B TI-UC2854B Datasheet
188Kb / 7P
[Old version datasheet]   Enhanced High Power Factor Preregulator
UC2854B TI1-UC2854B Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B TI1-UC2854B Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
More results

Description similaire - UC2854B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
UC1854A TI1-UC1854A_15 Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com