Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLR8503 Fiches technique(PDF) 4 Page - International Rectifier

No de pièce IRLR8503
Description  HEXFET MOSFET for DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLR8503 Fiches technique(HTML) 4 Page - International Rectifier

  IRLR8503 Datasheet HTML 1Page - International Rectifier IRLR8503 Datasheet HTML 2Page - International Rectifier IRLR8503 Datasheet HTML 3Page - International Rectifier IRLR8503 Datasheet HTML 4Page - International Rectifier IRLR8503 Datasheet HTML 5Page - International Rectifier IRLR8503 Datasheet HTML 6Page - International Rectifier IRLR8503 Datasheet HTML 7Page - International Rectifier IRLR8503 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.irf.com
4
IRLR8503
Table 3 and Table 4 describes the event during the various charge segments and shows an approximation of losses during that
period.
Table 3 – Control FET Losses
Table 4 – Synchronous FET Losses
Conduction
Loss
Gate Drive
Loss
Switching
Loss
Output
Loss
Losses associated with the Q
OSS of the device every cycle when the control
FET turns on. Losses are caused by both FETs, but are dissipated by the control
FET.
Segment Losses
Description
Losses associated with MOSFET on time. I
RMS is a function of load
current and duty cycle.
Losses associated with charging and discharging the gate of the
MOSFET every cycle. Use the control FET Q
G.
Losses during the drain voltage and drain current transitions for every full cycle.
Losses occur during the Q
GS2 and QGD time period and can be simplified by using
Q
switch.
)
on
(
DS
RMS
COND
R
I
P
×
=
2
ƒ
×
×
=
G
G
IN
Q
V
P
ƒ
×
×
ƒ
×
×
×
ƒ
×
×
×
G
SW
L
IN
SWITCH
G
GD
L
IN
QGD
G
GS
L
IN
QGS
I
Q
I
V
P
I
Q
I
V
P
I
Q
I
V
P
2
2
F
V
2
Q
P
IN
OSS
OUTPUT
×
×
=
Conduction
Loss
Gate Drive
Loss
Switching
Loss
Output
Loss
Segment Losses
Description
Losses associated with MOSFET on time. I
RMS is a function of load current and
duty cycle.
Losses associated with charging and discharging the gate of the MOSFET every
cycle. Use the Sync FET Q
G.
Generally small enough to ignore except at light loads when the current reverses
in the output inductor. Under these conditions various light load power saving
techniques are employed by the control IC to maintain switching losses to a
negligible level.
Losses associated with the Q
OSS of the device every cycle when the control FET
turns on.They are caused by the synchronous FET, but are dissipated in the control
FET.
DSon
RMS
COND
R
I
P
×
=
2
ƒ
×
×
=
G
G
IN
Q
V
P
0
P
SWITCH
ƒ
×
×
=
IN
OSS
OUTPUT
V
Q
P
2
Figure 7. 2 & 3-FET solution for
Synchronous Buck Topology.
IRLR8503
Control FET (Q1)
1 x IRLR8103 or
2 x IRLR8503
Synchronous
FET (Q2)
Typical PC Application
The IRLR8103V and the IRLR8503 are suitable for
Synchronous Buck DC-DC Converters, and are optimized
for use in next generation CPU applications. The
IRLR8103V is primarily optimized for use as the low side
synchronous FET (Q2) with low R
DS(on) and high CdV/dt
immunity.The IRLR8503 is primarily optimized for use as
the high side control FET (Q2) with low cobmined Qsw and
R
DS(on) , but can also be used as a synchronous FET. The
IRLR8503 is also tested for Cdv/dt immunity, critical for
the low side socket. The typical configuration in which
these devices may be used in shown in Figure 7.
V
or


Numéro de pièce similaire - IRLR8503

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLR8503PBF IRF-IRLR8503PBF Datasheet
234Kb / 8P
   HEXFET Power MOSFET
IRLR8503TRR IRF-IRLR8503TRR Datasheet
247Kb / 9P
   N-Channel Application-Specific MOSFET
More results

Description similaire - IRLR8503

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7828 IRF-IRF7828 Datasheet
479Kb / 6P
   HEXFET Power MOSFET for DC-DC Converters
IRF7475 IRF-IRF7475 Datasheet
614Kb / 10P
   HEXFET Power MOSFET Selection for Non-Isolated DC/DC Converters
IRF7811W IRF-IRF7811W Datasheet
146Kb / 6P
   Power MOSFET for DC-DC Converters
IRF7822 IRF-IRF7822 Datasheet
71Kb / 6P
   Power MOSFET for DC-DC Converters
IRF6217 IRF-IRF6217 Datasheet
105Kb / 8P
   HEXFET Power MOSFET(Reset Switch for Active Clamp Reset DC to DC converters)
IRF7811WPBF IRF-IRF7811WPBF Datasheet
543Kb / 6P
   HEXFET짰 Power MOSFET for DC-DC Converters
IRF7822PBF IRF-IRF7822PBF Datasheet
143Kb / 6P
   HEXFET짰 Power MOSFET for DC-DC Converters
IRF7828PBF IRF-IRF7828PBF Datasheet
580Kb / 6P
   HEXFET짰 Power MOSFET for DC-DC Converters
IRF7351TRPBF IRF-IRF7351TRPBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
IRF7351PBF IRF-IRF7351PBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com