Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSM6882-3 Fiches technique(PDF) 4 Page - OKI electronic componets

No de pièce MSM6882-3
Description  2400/1200 bps Single Chip MSK Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6882-3 Fiches technique(HTML) 4 Page - OKI electronic componets

  MSM6882-3 Datasheet HTML 1Page - OKI electronic componets MSM6882-3 Datasheet HTML 2Page - OKI electronic componets MSM6882-3 Datasheet HTML 3Page - OKI electronic componets MSM6882-3 Datasheet HTML 4Page - OKI electronic componets MSM6882-3 Datasheet HTML 5Page - OKI electronic componets MSM6882-3 Datasheet HTML 6Page - OKI electronic componets MSM6882-3 Datasheet HTML 7Page - OKI electronic componets MSM6882-3 Datasheet HTML 8Page - OKI electronic componets MSM6882-3 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
¡ Semiconductor
MSM6882-3/6882-5
4/15
PIN DESCRIPTION
Name
Description
Crystal connection pins.
A 3.6864 MHz or 7.3728 MHz crystal shall be connected.
When an external clock is applied for MSM6882's oscillation source, it has to be input to X2.
In this case, X2 has to be AC-coupled by the capacitor of 200 pF. X1 shall be left open.
X1
Master clock selection.
MCS
Modulator enable.
When a "high" is input on this pin, MSK modulator output is connected to the input of transmit
LPF.
When a "low" is input on this pin, TI is connected to the input of transmit LPF.
ME
Send data input.
The data on this pin is synchronized with the rising edge of ST and input to MSK modulator
as an actual transmit data.
MSK Modulated Data
SD
ST
SD
This timing signal is used to latch serial input data on the SD pin.
The frequency of ST coincides with the transmission bit rate.
ST
Modulation method selection.
Data put on this pin selects either SINE FAST FSK or COSINE FAST FSK.
Data (2400 bps)
Sine Fast FSK
Cosine Fast FSK
010
0
1
1
SIN
X2
MCS
Crystal or External Clock
0
3.6864 MHz
1
7.3728 MHz
Preamble or data transmission selection.
When a "low" is input on this pin, the data put on the SD pin is output on the AO pin.
When a "high" is input on this pin, the data put on the SD pin is neglected and preamble data
is output.
Data put on PRE is latched on the rising edge of ST.
Preamble means to modulate as 010101...pattern.
PRE


Numéro de pièce similaire - MSM6882-3

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
MSM6889 OKI-MSM6889 Datasheet
173Kb / 21P
   Multi-Function Telecommunication LSI
MSM6889GS-K OKI-MSM6889GS-K Datasheet
173Kb / 21P
   Multi-Function Telecommunication LSI
MSM6889RS OKI-MSM6889RS Datasheet
173Kb / 21P
   Multi-Function Telecommunication LSI
More results

Description similaire - MSM6882-3

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
   1200 bps Single Chip MSK Modem
logo
Fujitsu Component Limit...
MB87002 FUJITSU-MB87002 Datasheet
694Kb / 15P
   1200 BPS MSK MODEM
logo
OKI electronic componet...
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
logo
List of Unclassifed Man...
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
   Compact 1200 bps Modem
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
   Miniature 2400 bps Modem Module
ML7012-06 ETC2-ML7012-06 Datasheet
298Kb / 23P
   2400 bps Single Chip Full Duplex Data Modem with Protocol
logo
OKI electronic componet...
ML7012 OKI-ML7012 Datasheet
155Kb / 22P
   2400 bps Single Chip Full Duplex Data Modem with Protocol
logo
List of Unclassifed Man...
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
XE2422H ETC1-XE2422H Datasheet
70Kb / 20P
   Low-Cost, 2400 BPS Surface-Mount Modem
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com