Moteur de recherche de fiches techniques de composants électroniques |
|
BUF620 Fiches technique(PDF) 2 Page - Vishay Siliconix |
|
BUF620 Fiches technique(HTML) 2 Page - Vishay Siliconix |
2 / 9 page BUF620 Vishay Telefunken www.vishay.de • FaxBack +1-408-970-5600 Rev. 2, 20–Jan–99 2 (9) Document Number 86507 Electrical Characteristics Tcase = 25°C, unless otherwise specified Parameter Test Conditions Symbol Min Typ Max Unit Collector cut-off current VCE = 700 V ICES 50 mA VCE = 700 V; Tcase = 150°C ICES 0.5 mA Collector-emitter breakdown voltage (figure 1) IC = 300 mA; L = 125 mH; Imeasure = 100 mA V(BR)CEO 400 V Emitter-base breakdown voltage IE = 1 mA V(BR)EBO 9 V Collector-emitter saturation voltage IC = 0.6 A; IB = 0.15 A VCEsat 0.1 0.2 V g IC = 2 A; IB = 0.7 A VCEsat 0.2 0.3 V Base-emitter saturation voltage IC = 0.6 A; IB = 0.15 A VBEsat 0.9 1.1 V g IC = 2 A; IB = 0.7 A VBEsat 1 1.2 V DC forward current transfer ratio VCE = 2 V; IC = 10 mA hFE 15 VCE = 2 V; IC = 0.6 A hFE 15 VCE = 2 V; IC = 2 A hFE 7 VCE = 5 V; IC = 4 A hFE 4 Collector-emitter working voltage VS = 50 V; L = 1 mH; IC = 4 A; IB1 = 1.4 A; –IB2 = 0.4 A; –VBB = 5 V VCEW 500 V Dynamic saturation voltage IC = 2 A; IB = 0.4 A; t = 1 ms VCEsatdyn 10 15 V yg IC = 2 A; IB = 0.4 A; t = 3 ms VCEsatdyn 2 4 V Gain bandwidth product IC = 500 mA; VCE = 10 V; f = 1 MHz fT 8 MHz |
Numéro de pièce similaire - BUF620 |
|
Description similaire - BUF620 |