Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM195WD1 Fiches technique(PDF) 19 Page - LG Semicon Co.,Ltd.

No de pièce LM195WD1
Description  19.5 HD TFT LCD
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LG [LG Semicon Co.,Ltd.]
Site Internet  
Logo LG - LG Semicon Co.,Ltd.

LM195WD1 Fiches technique(HTML) 19 Page - LG Semicon Co.,Ltd.

Back Button LM195WD1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 23Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Product Specification
LM195WD1
Liquid Crystal Display
Ver. 0.2
Feb. 04, 2013
19 / 31
4. Optical specification
Table 10. Optical characteristics
Ta=
25°C, V
LCD=5.0V, fV=60Hz f
CLK=54.0MHz, IBL=120mA
Parameter
Symbol
Values
Units
Notes
Min
Typ
Max
Contrast Ratio
CR
400
600
-
1
(PR-880)
Surface Luminance, white
LWH
160
200
-
cd/m2
2
(PR-880)
Luminance Variation
WHITE 9P
75
-
-
%
3
(PR-880)
Response Time
Rise Time
TrR
-
(1.3)
(2.6)
ms
4
(RD-80S)
Decay Time
TrD
-
(3.7)
(7.4)
ms
Color Coordinates
[CIE1931]
RED
Rx
Typ
-0.03
(0.635)
Typ
+0.03
(PR-650)
Ry
(0.339)
GREEN
Gx
(0.325)
Gy
(0.629)
BLUE
Bx
(0.154)
By
(0.054)
WHITE
Wx
0.313
Wy
0.329
Viewing Angle (CR>10)
5
(PR-880)
x axis, right(=0°)
r
40
45
Degree
x axis, left (=180°)
l
40
45
y axis, up (=90°)
u
10
15
y axis, down (=270°)
d
30
35
Crosstalk
1.5
%
6
(PR-880)
Gamma
2.2
7
Optical characteristics are determined after the unit has been ‘ON’ for 30 minutes in a dark
environment at 25°C.


Numéro de pièce similaire - LM195WD1

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM195 NSC-LM195 Datasheet
421Kb / 13P
   Ultra Reliable Power Transistors
LM195 NSC-LM195 Datasheet
230Kb / 11P
   Ultra Reliable Power Transistors
logo
Texas Instruments
LM195 TI1-LM195 Datasheet
1Mb / 20P
[Old version datasheet]   Ultra Reliable Power Transistors
logo
National Semiconductor ...
LM1950 NSC-LM1950 Datasheet
168Kb / 6P
   750 mA High Side Switch
logo
Shenzhen TOPWAY Technol...
LM19501 TOPWAY-LM19501 Datasheet
688Kb / 11P
   LCD Module User Manual
More results

Description similaire - LM195WD1

FabricantNo de pièceFiches techniqueDescription
logo
LG Semicon Co.,Ltd.
LP156WH3-TLA2 LG-LP156WH3-TLA2 Datasheet
945Kb / 26P
   15.6 HD TFT LCD
LM185WH2 LG-LM185WH2 Datasheet
570Kb / 31P
   18.5inch HD TFT LCD
LP140WH4 LG-LP140WH4 Datasheet
1Mb / 32P
   14.0 HD TFT LCD
LP173WD1 LG-LP173WD1 Datasheet
1Mb / 30P
   17.3??HD TFT LCD
LM200WD3 LG-LM200WD3 Datasheet
754Kb / 32P
   20.0 HD TFT LCD
LP140WH2 LG-LP140WH2 Datasheet
676Kb / 23P
   14.0??HD TFT LCD
LP140WF1 LG-LP140WF1 Datasheet
1Mb / 31P
   14.0??Full HD TFT LCD
LP156WF4-SLB5 LG-LP156WF4-SLB5 Datasheet
607Kb / 30P
   15.6??Full HD TFT LCD
LP140WH1 LG-LP140WH1 Datasheet
855Kb / 34P
   14.0?쓂 HD TFT LCD
LP140WD2 LG-LP140WD2 Datasheet
917Kb / 28P
   14.0?쓂 HD TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com