Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP171WU1 Fiches technique(PDF) 23 Page - LG Semicon Co.,Ltd.

No de pièce LP171WU1
Description  17.1 WUXGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LG [LG Semicon Co.,Ltd.]
Site Internet  
Logo LG - LG Semicon Co.,Ltd.

LP171WU1 Fiches technique(HTML) 23 Page - LG Semicon Co.,Ltd.

Back Button LP171WU1 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 27Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Product Specification
23 / 27
LP171WU1
Liquid Crystal Display
Ver. 1.0
Mar, 19, 2007
9. PRECAUTIONS
Please pay attention to the followings when you use this TFT LCD module.
9-1. MOUNTING PRECAUTIONS
(1) You must mount a module using holes arranged in four corners or four sides.
(2) You should consider the mounting structure so that uneven force (ex. Twisted stress) is not applied to the
module. And the case on which a module is mounted should have sufficient strength so that external
force is not transmitted directly to the module.
(3) Please attach the surface transparent protective plate to the surface in order to protect the polarizer.
Transparent protective plate should have sufficient strength in order to the resist external force.
(4) You should adopt radiation structure to satisfy the temperature specification.
(5) Acetic acid type and chlorine type materials for the cover case are not desirable because the former
generates corrosive gas of attacking the polarizer at high temperature and the latter causes circuit break
by electro-chemical reaction.
(6) Do not touch, push or rub the exposed polarizers with glass, tweezers or anything harder than HB
pencil lead. And please do not rub with dust clothes with chemical treatment.
Do not touch the surface of polarizer for bare hand or greasy cloth.(Some cosmetics are detrimental
to the polarizer.)
(7) When the surface becomes dusty, please wipe gently with absorbent cotton or other soft materials like
chamois soaks with petroleum benzene. Normal-hexane is recommended for cleaning the adhesives
used to attach front / rear polarizers. Do not use acetone, toluene and alcohol because they cause
chemical damage to the polarizer.
(8) Wipe off saliva or water drops as soon as possible. Their long time contact with polarizer causes
deformations and color fading.
(9) Do not open the case because inside circuits do not have sufficient strength.
9-2. OPERATING PRECAUTIONS
(1) The spike noise causes the mis-operation of circuits. It should be lower than following voltage :
V=± 200mV(Over and under shoot voltage)
(2) Response time depends on the temperature.(In lower temperature, it becomes longer.)
(3) Brightness depends on the temperature. (In lower temperature, it becomes lower.)
And in lower temperature, response time(required time that brightness is stable after turned on) becomes
longer.
(4) Be careful for condensation at sudden temperature change. Condensation makes damage to polarizer or
electrical contacted parts. And after fading condensation, smear or spot will occur.
(5) When fixed patterns are displayed for a long time, remnant image is likely to occur.
(6) Module has high frequency circuits. Sufficient suppression to the electromagnetic interference shall be
done by system manufacturers. Grounding and shielding methods may be important to minimized the
interference.


Numéro de pièce similaire - LP171WU1

FabricantNo de pièceFiches techniqueDescription
logo
Pulse A Technitrol Comp...
LP171NMO PULSE-LP171NMO Datasheet
399Kb / 3P
   VHF 136-220 MHz
More results

Description similaire - LP171WU1

FabricantNo de pièceFiches techniqueDescription
logo
LG Semicon Co.,Ltd.
LC470EUF LG-LC470EUF Datasheet
860Kb / 40P
   47.0 WUXGA TFT LCD
LM240WU8 LG-LM240WU8 Datasheet
1Mb / 32P
   24.0??WUXGA TFT LCD
LC420DUJ LG-LC420DUJ Datasheet
1Mb / 39P
   42.0 WUXGA TFT LCD
logo
Samsung semiconductor
LTM200KT10 SAMSUNG-LTM200KT10 Datasheet
539Kb / 33P
   TFT-LCD
logo
Chi Mei Corporation.
V236H1-LE2 CHIMEI-V236H1-LE2 Datasheet
654Kb / 28P
   TFT LCD
logo
Samsung semiconductor
LTI460HA01 SAMSUNG-LTI460HA01 Datasheet
642Kb / 27P
   TFT-LCD
logo
Wuxi Youda electronics ...
3Y26 YOUDA-3Y26 Datasheet
160Kb / 7P
   TFT LCD
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
   TFT LCD
LTM190M2-L31 SAMSUNG-LTM190M2-L31 Datasheet
640Kb / 39P
   TFT-LCD
LTM200KT01 SAMSUNG-LTM200KT01 Datasheet
1Mb / 34P
   TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com