Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM2320 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce AM2320
Description  Digital Temperature and Humidity Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AM2320 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  AM2320 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
2
SDA
Serial data, bidirectional port
3
GND
Ground
4
SCL
Serial clock input port (single bus ground)
7.2 Power supply pin (VDD GND)
AM2320 supply voltage range of 3.1V - 5.5V.
7.3 Serial clock input (SCL)
The SCL pin is used to communicate the choice and I
2 C sensor communication clock line.
When the power is held low while SCL remains low even 500ms, which means that the user selects a
single bus mode of communication, otherwise I
2 C communications; After selecting the formula
mode during power, sensor communication mode remains unchanged; If you want to change
communication, re-power on, press the select operation requires communication.
When choosing the I
2 C communication between microprocessor and AM2320,SCL for the
synchronous communication.
7.4
Serial data(SDA)
SDA pin is three-state structure for reading, writing sensor data. Detailed Description of
specific communication sequence, see communication method..
8. I 2 C and a single bus
AM2320 serial interface, and power consumption reading sensor signal aspects are optimized
processing. Sensor uses a single bus, I
2 C outputs two communication modes, communication can be
switched freely, easy to use. SCL bus signal line to level when power to determine their bus
communication: SCL is held low on power as a single bus communication mode; SCL remain high
when compared to the power of communication modes I
2 C. Single bus is fully compatible with the
company's other products, single-bus communication; I
2 C communication in accordance with
standard protocols addressing, can be directly linked to the I
2 C bus (the bus is only allowed to
hang a product), without additional wiring, operation simple. Read AM2320 sensors, strictly in
accordance with the agreement of the two communication methods and timing proceed. Specific
details see single communication protocol and I
2 C bus communication protocol detailed.
8.1 I
2 C standard communication protocol introduced
8.1.1 I
2 introduction to C-bus
Another form of AM2320 processor and micro controller interface is I
2 C serial bus, in this
brief introduction about the I
2 C bus protocol standards. Due to space limitations, can’t list all the
contents of the agreement deeper questions, please consult the relevant information (refer to the
Philips website access).
8.1.2 I
2 C Bus Overview
Philips (Philips) at 20 years ago invented a simple two-wire bidirectional serial communication
bus, the bus is called the Inter-I
2 C bus. Currently I 2 C bus has become the industry standard solution
for embedded application, is widely used in a variety of professional-based micro controller,
- 4 -


Numéro de pièce similaire - AM2320

FabricantNo de pièceFiches techniqueDescription
logo
Power-One
AM2320-7 POWER-ONE-AM2320-7 Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Analog Power
AM2320NE ANALOGPOWER-AM2320NE Datasheet
359Kb / 5P
   N-Channel 20-V (D-S) MOSFET
More results

Description similaire - AM2320

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
   Digital Humidity and Temperature Sensor
logo
List of Unclassifed Man...
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
   Digital Temperature and Humidity Sensor
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
   DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
SI7015-A20 SILABS-SI7015-A20 Datasheet
498Kb / 39P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
logo
Texas Instruments
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
List of Unclassifed Man...
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
   Digital relative humidity & temperature sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com