Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


FP6276B Datasheet(Fiches technique) 5 Page - Feeling Technology Corp.

Numéro de pièce FP6276B
Description  500kHz 6A High Efficiency Synchronous PWM Boost Converter
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FEELING [Feeling Technology Corp.]
Site Internet  http://www.feeling-tech.com.tw/
Logo 

 
 5 page
background image
FP6276B
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.66
5/12
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VIN
2.4
4.5
V
Operating Temperature Range
TA
Ambient Temperature
-40
+85
°C
DC Electrical Characteristics (V
IN=3.3V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input Voltage
VIN
2.4
4.5
V
Under Voltage Lockout
VUVLO
2.1
V
UVLO Hysteresis
0.1
V
Quiescent Current
ICC
VFB =0.65V, No switching
280
µA
Average Supply Current
ICC
VFB=0.55V, Switching
3.6
mA
Shutdown Current
ICC
VEN=GND
0.1
µA
Linear Charge Current
ICHARGE
VOUT<VIN
3
A
Operation Frequency
fOSC
VFB=0.55V
500
kHZ
Maximum Duty Ratio
%
90
%
Feedback Voltage
VREF
VIN=4.5V
0.588
0.6
0.612
V
Enable Voltage
VEN
0.96
V
Shutdown Voltage
VEN
0.6
V
Soft-Start Time
tSS
VIN=4.5V
7
ms
High Side Switch RDS(ON)
RON-PMOS
40
m
Ω
Low Side Switch RDS(ON)
RON-NMOS
40
m
Ω
Internal Switch Current Limit
IOCP
6
A
Thermal Shutdown Threshold
TOTP
150
Thermal Shutdown Hysteresis
30




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl