Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K-MC4 Fiches technique(PDF) 10 Page - RFbeam Microwave GmbH

No de pièce K-MC4
Description  MONOPULSE RADAR TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFBEAM [RFbeam Microwave GmbH]
Site Internet  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MC4 Fiches technique(HTML) 10 Page - RFbeam Microwave GmbH

Back Button K-MC4 Datasheet HTML 3Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 4Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 5Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 6Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 7Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 8Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 9Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 10Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 11Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
K-MC4 MONOPULSE RADAR TRANSCEIVER
Datasheet
Sampling Requirements
Using RSW requires sampling of the IF signals during the active enable time. Normally, AD conversion
and asserting /Enable signal on K-MC4 must be synchronized.
If the ADC contains a sample-and-hold (S&H) device, sampling command can be fired at the end of
the /Enable signal. Enable time ton must be > 5µs or > setup time of the S&H, whatever value is
higher.
If the ADC does not contain a S&H input stage, conversion command should be issued at the very
beginning of the enable period. Enable time ton must be > 5µs or > 1/bandwidth of the ADC, whatever
value is higher.
Sensitivity and Maximum Range
The values indicated here are intended to give you a 'feeling' of the attainable detection range with this
module. It is not possible to define an exact RCS (radar cross section) value of real objects because
reflectivity depends on many parameters. The RCS variations however influence the maximum range
only by 4
.
Maximum range for Doppler movement depends mainly on:
- Module sensitivity
S:
-134dBc (@1kHz IF Bandwidth)
- Carrier frequency
f0:
24.125GHz
- Radar cross section RCS ("reflectivity") of the object
1):
1m2 approx. for a moving person
>50m2 for a moving car
note 1) RCS indications are very inaccurate and may vary by factors of 10 and more.
The famous "Radar Equation" may be reduced for our K-band module to the following relation:
4
40
10
0167
.
0
s
r
Using this formula, you get an indicative detection range of
- > 37 meters for a moving person
- > 93 meters for a moving car
Please note, that range values also highly depend on the performance of signal processing,
environment conditions (i.e. rain, fog), hoµsing of the module and other factors.
With K-MC3, you can achieve a maximum range of more than 500m when µsing high resolution AD-
converters and selective FFT algorithms.
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 10/11


Numéro de pièce similaire - K-MC4

FabricantNo de pièceFiches techniqueDescription
logo
RFbeam Microwave GmbH
K-MC1 RFBEAM-K-MC1 Datasheet
2Mb / 8P
   RADAR TRANSCEIVER
K-MC1 RFBEAM-K-MC1 Datasheet
653Kb / 2P
   Radar Evaluation Kit
K-MC1_LP RFBEAM-K-MC1_LP Datasheet
1Mb / 5P
   RADAR TRANSCEIVER
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
   RADAR TRANSCEIVER
More results

Description similaire - K-MC4

FabricantNo de pièceFiches techniqueDescription
logo
RFbeam Microwave GmbH
K-HC1 RFBEAM-K-HC1 Datasheet
997Kb / 8P
   RADAR TRANSCEIVER
K-LC4 RFBEAM-K-LC4 Datasheet
385Kb / 4P
   radar transceiver
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
   RADAR TRANSCEIVER
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
   RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
   RADAR TRANSCEIVER
K-LC6 RFBEAM-K-LC6 Datasheet
335Kb / 6P
   RADAR TRANSCEIVER
K-LC3_V2 RFBEAM-K-LC3_V2 Datasheet
440Kb / 4P
   RADAR TRANSCEIVER
K-LD2 RFBEAM-K-LD2 Datasheet
1Mb / 20P
   radar transceiver
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
   radar transceiver
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
   RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com