Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SEMIX101GD12E4S Fiches technique(PDF) 1 Page - Semikron International

No de pièce SEMIX101GD12E4S
Description  Trench IGBT Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMIKRON [Semikron International]
Site Internet  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX101GD12E4S Fiches technique(HTML) 1 Page - Semikron International

  SEMIX101GD12E4S_13 Datasheet HTML 1Page - Semikron International SEMIX101GD12E4S_13 Datasheet HTML 2Page - Semikron International SEMIX101GD12E4S_13 Datasheet HTML 3Page - Semikron International SEMIX101GD12E4S_13 Datasheet HTML 4Page - Semikron International SEMIX101GD12E4S_13 Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEMiX101GD12E4s
© by SEMIKRON
Rev. 1 – 03.07.2013
1
SEMiX® 13
GD
Trench IGBT Modules
SEMiX101GD12E4s
Features
• Homogeneous Si
• Trench = Trenchgate technology
•VCE(sat) with positive temperature
coefficient
• High short circuit capability
• UL recognized, file no. E63532
Typical Applications*
•AC inverter drives
•UPS
• Electronic Welding
Remarks
• Case temperature limited to TC=125°C
max.
• Product reliability results are valid for
Tj=150°C
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
IGBT
VCES
Tj =25°C
1200
V
IC
Tj = 175 °C
Tc =25 °C
160
A
Tc =80 °C
123
A
ICnom
100
A
ICRM
ICRM = 3xICnom
300
A
VGES
-20 ... 20
V
tpsc
VCC = 800 V
VGE
≤ 20 V
VCES
≤ 1200 V
Tj =150 °C
10
µs
Tj
-40 ... 175
°C
Inverse diode
IF
Tj = 175 °C
Tc =25 °C
121
A
Tc =80 °C
91
A
IFnom
100
A
IFRM
IFRM = 3xIFnom
300
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
550
A
Tj
-40 ... 175
°C
Module
It(RMS)
Tterminal =80 °C
600
A
Tstg
-40 ... 125
°C
Visol
AC sinus 50Hz, t = 1 min
4000
V
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
IGBT
VCE(sat)
IC =100 A
VGE =15 V
chiplevel
Tj =25 °C
1.8
2.05
V
Tj =150 °C
2.2
2.4
V
VCE0
chiplevel
Tj =25 °C
0.8
0.9
V
Tj =150 °C
0.7
0.8
V
rCE
VGE =15 V
chiplevel
Tj =25 °C
10.0
11.5
m
Tj =150 °C
15.0
16.0
m
VGE(th)
VGE=VCE, IC = 3.8 mA
5
5.8
6.5
V
ICES
VGE =0 V
VCE = 1200 V
Tj =25 °C
1mA
Tj =150 °C
mA
Cies
VCE =25V
VGE =0 V
f=1MHz
6.2
nF
Coes
f=1MHz
0.41
nF
Cres
f=1MHz
0.34
nF
QG
VGE = - 8 V...+ 15 V
565
nC
RGint
Tj =25°C
7.50
td(on)
VCC = 600 V
IC =100 A
VGE =±15 V
RG on =1 
RG off =1 
di/dton = 3100 A/µs
di/dtoff =1200 A/µs
Tj =150 °C
187
ns
tr
Tj =150 °C
35
ns
Eon
Tj =150 °C
10.8
mJ
td(off)
Tj =150 °C
467
ns
tf
Tj =150 °C
94
ns
Eoff
Tj =150 °C
13.3
mJ
Rth(j-c)
per IGBT
0.27
K/W


Numéro de pièce similaire - SEMIX101GD12E4S_13

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
SEMIX101GD12E4S SEMIKRON-SEMIX101GD12E4S_10 Datasheet
315Kb / 5P
   Trench IGBT Modules
More results

Description similaire - SEMIX101GD12E4S_13

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
SEMIX353GB126HDS SEMIKRON-SEMIX353GB126HDS_09 Datasheet
380Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_09 Datasheet
420Kb / 6P
   Trench IGBT Modules
SEMIX703GB126HDS SEMIKRON-SEMIX703GB126HDS_09 Datasheet
383Kb / 6P
   Trench IGBT Modules
SEMIX854GB176HDS SEMIKRON-SEMIX854GB176HDS_08 Datasheet
369Kb / 5P
   Trench IGBT Modules
SEMIX453GB176HDS SEMIKRON-SEMIX453GB176HDS_10 Datasheet
324Kb / 5P
   Trench IGBT Modules
SKM400GB176D SEMIKRON-SKM400GB176D_10 Datasheet
808Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_10 Datasheet
349Kb / 5P
   Trench IGBT Modules
SKIM459GD12E4 SEMIKRON-SKIM459GD12E4_11 Datasheet
337Kb / 5P
   Trench IGBT Modules
SEMIX402GB066HDS SEMIKRON-SEMIX402GB066HDS_08 Datasheet
360Kb / 5P
   Trench IGBT Modules
SEMIX453GD176HDC SEMIKRON-SEMIX453GD176HDC_09 Datasheet
380Kb / 5P
   Trench IGBT Modules
SEMIX604GB12E4S SEMIKRON-SEMIX604GB12E4S Datasheet
404Kb / 5P
   Trench IGBT Modules
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com