Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SEMIX105GD12T4 Fiches technique(PDF) 1 Page - Semikron International

No de pièce SEMIX105GD12T4
Description  Trench IGBT Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMIKRON [Semikron International]
Site Internet  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX105GD12T4 Fiches technique(HTML) 1 Page - Semikron International

  SEMIX105GD12T4 Datasheet HTML 1Page - Semikron International SEMIX105GD12T4 Datasheet HTML 2Page - Semikron International SEMIX105GD12T4 Datasheet HTML 3Page - Semikron International SEMIX105GD12T4 Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMiX105GD12T4
© by SEMIKRON
Rev. 0.2 – 10.03.2017
1
SEMiX® 5
GD
Trench IGBT Modules
Evaluation Sample
SEMiX105GD12T4
Target Data
Features
• Solderless assembling solution with
PressFIT signal pins and screw power
terminals
• IGBT 4 Trench Gate Technology
•VCE(sat) with positive temperature
coefficient
• Low inductance case
• Reliable mechanical design with
injection moulded terminals and
reliable internal connections
• UL recognized file no. E63532
• NTC temperature sensor inside
Typical Applications*
•AC inverter drives
•UPS
• Electronic Welding
Remarks
• Product reliability results are valid for
Tjop=150 °C
• Dynamic data are estimated
• For storage and case temperature with
TIM see document “TP(HALA P8)
SEMiX 5p”
Absolute Maximum Ratings
Symbol Conditions
Values
Unit
IGBT
VCES
Tj =25°C
1200
V
IC
Tj = 175 °C
Tc =25 °C
163
A
Tc =80 °C
126
A
ICnom
100
A
ICRM
ICRM = 3xICnom
300
A
VGES
-20 ... 20
V
tpsc
VCC = 800 V
VGE ≤ 20 V
VCES ≤ 1200 V
Tj =150 °C
10
µs
Tj
-40 ... 175
°C
Inverse diode
VRRM
Tj =25°C
1200
V
IF
Tj = 175 °C
Tc =25 °C
129
A
Tc =80 °C
97
A
IFnom
100
A
IFRM
IFRM = 2xIFnom
200
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
550
A
Tj
-40 ... 175
°C
Module
It(RMS)
280
A
Tstg
module without TIM
-40 ... 125
°C
Visol
AC sinus 50Hz, t = 1 min
4000
V
Characteristics
Symbol Conditions
min.
typ.
max.
Unit
IGBT
VCE(sat)
IC =100 A
VGE =15 V
chiplevel
Tj =25 °C
1.80
2.05
V
Tj =150 °C
2.20
2.40
V
VCE0
chiplevel
Tj =25 °C
0.80
0.90
V
Tj =150 °C
0.70
0.80
V
rCE
VGE =15 V
chiplevel
Tj =25 °C
10.0
12
Tj =150 °C
15
16
VGE(th)
VGE=VCE, IC = 3.8 mA
5
5.8
6.5
V
ICES
VGE =0 V, VCE = 1200 V, Tj =25 °C
1.0
mA
Cies
VCE =25V
VGE =0 V
f=1MHz
6.2
nF
Coes
f=1MHz
0.41
nF
Cres
f=1MHz
0.35
nF
QG
VGE = - 15 V...+ 15 V
565
nC
RGint
Tj =25°C
7.5
Ω
td(on)
VCC = 600 V
IC =100 A
VGE = +15/-15 V
RG on =1 Ω
RG off =1 Ω
di/dton = 2300 A/µs
di/dtoff =800 A/µs
Tj =150 °C
t.b.d.
ns
tr
Tj =150 °C
t.b.d.
ns
Eon
Tj =150 °C
12
mJ
td(off)
Tj =150 °C
t.b.d.
ns
tf
Tj =150 °C
t.b.d.
ns
Eoff
Tj =150 °C
19
mJ
Rth(j-c)
per IGBT
0.26
K/W
Rth(c-s)
per IGBT (λgrease=0.81 W/mK,
thickness 50-100µm)
t.b.d.
K/W
Rth(c-s)
per IGBT (λ=3.4 W/mK)
t.b.d.
K/W


Numéro de pièce similaire - SEMIX105GD12T4

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
SEMIX101GD066HDS SEMIKRON-SEMIX101GD066HDS Datasheet
1,003Kb / 4P
   Trench IGBT Modules
SEMIX101GD066HDS SEMIKRON-SEMIX101GD066HDS Datasheet
965Kb / 5P
   Trench IGBT Modules
SEMIX101GD066HDS SEMIKRON-SEMIX101GD066HDS Datasheet
391Kb / 5P
   Trench IGBT Modules
SEMIX101GD066HDS SEMIKRON-SEMIX101GD066HDS_07 Datasheet
965Kb / 5P
   Trench IGBT Modules
SEMIX101GD066HDS SEMIKRON-SEMIX101GD066HDS_08 Datasheet
391Kb / 5P
   Trench IGBT Modules
More results

Description similaire - SEMIX105GD12T4

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
SEMIX353GB126HDS SEMIKRON-SEMIX353GB126HDS_09 Datasheet
380Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_09 Datasheet
420Kb / 6P
   Trench IGBT Modules
SEMIX703GB126HDS SEMIKRON-SEMIX703GB126HDS_09 Datasheet
383Kb / 6P
   Trench IGBT Modules
SEMIX854GB176HDS SEMIKRON-SEMIX854GB176HDS_08 Datasheet
369Kb / 5P
   Trench IGBT Modules
SEMIX453GB176HDS SEMIKRON-SEMIX453GB176HDS_10 Datasheet
324Kb / 5P
   Trench IGBT Modules
SKM400GB176D SEMIKRON-SKM400GB176D_10 Datasheet
808Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_10 Datasheet
349Kb / 5P
   Trench IGBT Modules
SKIM459GD12E4 SEMIKRON-SKIM459GD12E4_11 Datasheet
337Kb / 5P
   Trench IGBT Modules
SEMIX402GB066HDS SEMIKRON-SEMIX402GB066HDS_08 Datasheet
360Kb / 5P
   Trench IGBT Modules
SEMIX453GD176HDC SEMIKRON-SEMIX453GD176HDC_09 Datasheet
380Kb / 5P
   Trench IGBT Modules
SEMIX604GB12E4S SEMIKRON-SEMIX604GB12E4S Datasheet
404Kb / 5P
   Trench IGBT Modules
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com