Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SEMIX141KT16S Fiches technique(PDF) 4 Page - Semikron International

No de pièce SEMIX141KT16S
Description  Rectifier Thyristor Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMIKRON [Semikron International]
Site Internet  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX141KT16S Fiches technique(HTML) 4 Page - Semikron International

  SEMIX141KT16S_15 Datasheet HTML 1Page - Semikron International SEMIX141KT16S_15 Datasheet HTML 2Page - Semikron International SEMIX141KT16S_15 Datasheet HTML 3Page - Semikron International SEMIX141KT16S_15 Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SEMiX141KT16s
4
Rev. 3.0 – 13.08.2015
© by SEMIKRON
This is an electrostatic discharge sensitive device (ESDS), international standard IEC 60747-1, Chapter IX
* The specifications of our components may not be considered as an assurance of component characteristics. Components have to be tested
for the respective application. Adjustments may be necessary. The use of SEMIKRON products in life support appliances and systems is
subject to prior specification and written approval by SEMIKRON. We therefore strongly recommend prior consultation of our staff.
Fig. 9: Gate trigger characteristics
spring configuration
SEMiX 1s


Numéro de pièce similaire - SEMIX141KT16S_15

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
SEMIX141KT16S SEMIKRON-SEMIX141KT16S_10 Datasheet
316Kb / 4P
   Rectifier Thyristor Module
More results

Description similaire - SEMIX141KT16S_15

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
SEMIX141KT16S SEMIKRON-SEMIX141KT16S_10 Datasheet
316Kb / 4P
   Rectifier Thyristor Module
SEMIX302KT16S SEMIKRON-SEMIX302KT16S Datasheet
320Kb / 4P
   Rectifier Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com