Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SEMIX151GAL12VS Fiches technique(PDF) 1 Page - Semikron International

No de pièce SEMIX151GAL12VS
Description  Homogeneous Si
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMIKRON [Semikron International]
Site Internet  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX151GAL12VS Fiches technique(HTML) 1 Page - Semikron International

  SEMIX151GAL12VS Datasheet HTML 1Page - Semikron International SEMIX151GAL12VS Datasheet HTML 2Page - Semikron International SEMIX151GAL12VS Datasheet HTML 3Page - Semikron International SEMIX151GAL12VS Datasheet HTML 4Page - Semikron International SEMIX151GAL12VS Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEMiX151GAL12Vs
© by SEMIKRON
Rev. 2 – 13.12.2012
1
SEMiX® 1s
GAL
SEMiX151GAL12Vs
Features
• Homogeneous Si
•VCE(sat) with positive temperature
coefficient
• High short circuit capability
• UL recognised file no. E63532
Typical Applications*
•AC inverter drives
•UPS
• Electronic Welding
Remarks
• Case temperature limited to TC=125°C
max.
• Product reliability results are valid for
Tj=150°C
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
IGBT
VCES
Tj =25°C
1200
V
IC
Tj = 175 °C
Tc =25 °C
231
A
Tc =80 °C
176
A
ICnom
150
A
ICRM
ICRM = 3xICnom
450
A
VGES
-20 ... 20
V
tpsc
VCC = 720 V
VGE
≤ 15 V
VCES
≤ 1200 V
Tj =125 °C
10
µs
Tj
-40 ... 175
°C
Inverse diode
IF
Tj = 175 °C
Tc =25 °C
189
A
Tc =80 °C
141
A
IFnom
150
A
IFRM
IFRM = 3xIFnom
450
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
900
A
Tj
-40 ... 175
°C
Freewheeling diode
IF
Tj = 175 °C
Tc =25 °C
189
A
Tc =80 °C
141
A
IFnom
150
A
IFRM
IFRM = 3xIFnom
450
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
900
A
Tj
-40 ... 175
°C
Module
It(RMS)
Tterminal =80 °C
600
A
Tstg
-40 ... 125
°C
Visol
AC sinus 50Hz, t = 1 min
4000
V
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
IGBT
VCE(sat)
IC =150 A
VGE =15 V
chiplevel
Tj =25 °C
1.75
2.20
V
Tj =150 °C
2.2
2.5
V
VCE0
chiplevel
Tj =25 °C
0.94
1.04
V
Tj =150 °C
0.88
0.98
V
rCE
VGE =15 V
chiplevel
Tj =25 °C
5.4
7.7
m
Tj =150 °C
8.8
10.1
m
VGE(th)
VGE=VCE, IC = 6 mA
5.5
6
6.5
V
ICES
VGE =0 V
VCE = 1200 V
Tj =25 °C
0.1
0.3
mA
Tj =150 °C
mA
Cies
VCE =25V
VGE =0 V
f=1MHz
9.0
nF
Coes
f=1MHz
0.89
nF
Cres
f=1MHz
0.88
nF
QG
VGE = - 8 V...+ 15 V
1650
nC
RGint
Tj =25°C
5.00


Numéro de pièce similaire - SEMIX151GAL12VS

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
SEMIX151GAL12E4S SEMIKRON-SEMIX151GAL12E4S Datasheet
386Kb / 5P
   Trench IGBT Modules
SEMIX151GAL12E4S SEMIKRON-SEMIX151GAL12E4S Datasheet
458Kb / 5P
   Trench IGBT Modules
SEMIX151GAL12E4S SEMIKRON-SEMIX151GAL12E4S_10 Datasheet
334Kb / 5P
   Trench IGBT Modules
SEMIX151GAL12E4S SEMIKRON-SEMIX151GAL12E4S_13 Datasheet
458Kb / 5P
   Trench IGBT Modules
SEMIX151GAL12T4S SEMIKRON-SEMIX151GAL12T4S Datasheet
463Kb / 5P
   Trench IGBT Modules
More results

Description similaire - SEMIX151GAL12VS

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
SKM800GA125D SEMIKRON-SKM800GA125D_16 Datasheet
444Kb / 6P
   Homogeneous Si
logo
National Semiconductor ...
LM360MX NSC-LM360MX Datasheet
22Kb / 2P
   Homogeneous Material Composition Declaration for Electronic Products
logo
List of Unclassifed Man...
16270 ETC2-16270 Datasheet
51Kb / 2P
   STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100" (2.5MM)
16260 ETC2-16260 Datasheet
51Kb / 2P
   STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
logo
Intersil Corporation
ISL22326WM INTERSIL-ISL22326WM Datasheet
103Kb / 3P
   Full Homogeneous Lot Processing in Wafer Fab
logo
List of Unclassifed Man...
16251 ETC2-16251 Datasheet
108Kb / 1P
   STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 & .060
16214 ETC2-16214 Datasheet
108Kb / 1P
   STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100" and .060"||" "559183
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
logo
Diotec Semiconductor
BY251 DIOTEC-BY251_07 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
BY550-50 DIOTEC-BY550-50_07 Datasheet
62Kb / 2P
   Si-Rectifiers -Si-Gleichrichter
P600A DIOTEC-P600A_07 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com