Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XPT7603 Fiches technique(PDF) 24 Page - List of Unclassifed Manufacturers

No de pièce XPT7603
Description  4-wire resistive touch screen controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

XPT7603 Fiches technique(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button XPT7603 Datasheet HTML 17Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 18Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 19Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 20Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 21Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 22Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 23Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 24Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
X
XP
PT
T7
76
60
03
3 D
Da
atta
aS
Sh
he
ee
ett
C
Co
op
py
yrriig
gh
htt©
©2
20
00
09
9,, S
SH
HE
EN
NZ
ZH
HE
EN
N X
XP
PT
TE
EK
K T
TE
EC
CH
HN
NO
OL
LO
OG
GY
Y C
CO
O..,,L
LT
TD
D
http://www.xptek.com.cn
P
Pa
ag
ge
e 24/25
In particular, in the use of resistive touch screen to touch screen and pay attention to the connection between
XPT7603. Resistive touch screen because the resistance is relatively small, so XPT7603 between the screen
and try to connect to a short connection to the resistance as small as possible. Long connection will bring
more of the error, which, as the on-resistance switch. In addition, the welding point of relaxation, as well as a
solid point of contact will not bring the error to the application.
In addition to talking in front of the other applications in the touch screen (for example, applications using the
LCD panel backlight) cause of noise is also an important reason for the error. EMI noise coupled through the
LCD panel to the touch screen panel, causing instability in output, there are "glitches", and so can not be
calibrated. Minimize these errors, there are several possible ways: increase in touch screen at the bottom of a
metal shield, shield to ground; in the YP, YN, XP and XN-pin, respectively, to take on the filter capacitor; ... ...
but it must be noted These settings will be touch screen response time impact, especially in single-ended
mode at the same time data transmission and relatively high speed applications.
12 Physical Size of Chip Package
12.1 MSOP-10 Package


Numéro de pièce similaire - XPT7603

FabricantNo de pièceFiches techniqueDescription
logo
SunLED Corporation
XPT1LUG41D SUNLED-XPT1LUG41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XPT1LUR41D SUNLED-XPT1LUR41D Datasheet
242Kb / 3P
   Black casing provides superior contrast
XPT1LUY41D SUNLED-XPT1LUY41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
More results

Description similaire - XPT7603

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com