Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XPT7603 Fiches technique(PDF) 23 Page - List of Unclassifed Manufacturers

No de pièce XPT7603
Description  4-wire resistive touch screen controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

XPT7603 Fiches technique(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button XPT7603 Datasheet HTML 17Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 18Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 19Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 20Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 21Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 22Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 23Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 24Page - List of Unclassifed Manufacturers XPT7603 Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
X
XP
PT
T7
76
60
03
3 D
Da
atta
aS
Sh
he
ee
ett
C
Co
op
py
yrriig
gh
htt©
©2
20
00
09
9,, S
SH
HE
EN
NZ
ZH
HE
EN
N X
XP
PT
TE
EK
K T
TE
EC
CH
HN
NO
OL
LO
OG
GY
Y C
CO
O..,,L
LT
TD
D
http://www.xptek.com.cn
P
Pa
ag
ge
e 23/25
To enable the chip to optimum performance,do take extra care to deal with the physical connection of XPT
2047 circuit. SAR basic structure is very sensitive to the pulse interference, and the mutation of power supply
voltage, reference voltage, ground connection, and the digital input which only occurred before the analog
comparator output latch. Thus, in n-bit SAR converter conversion in any one will have n external transient
voltage by changing the formation of a "window" to affect the outcome of the conversion. Similar pulse
interference may come from switching power supplies, nearby digital logic circuits, and high-power devices.
These disturbances caused by digital logic output error depends on the reference voltage, layout wiring and
external timing. Clock input timing of the changes in the same digital logic of the existence of the impact of the
error output.
For the interference effects of the above considerations, XPT7603 power supply must be clean, and there is a
good bypass. As far as possible close to the chip in the next, plus a 0.1
μF ceramic capacitor referral. If the
power supply VDD and a high impedance between the positive, it should also add a 1
μF ~ 10μF capacitance.
Leakage current for all capacitors must be small enough to avoid XPT7603 down to the system when the
additional power consumption. In general, VREF pin does not require additional bypass capacitor, because
the internal reference voltage has been through internal operational amplifier output buffer. However, if you
use an external reference voltage source, need to add bypass capacitor, and to ensure that does not cause
oscillation.
XPT7603 source for external reference voltage input without noise suppression, if the input reference voltage
source directly connected with the power supply, power supply noise and ripple on will directly affect the
numerical accuracy of the conversion. Despite the high-frequency noise can be filtered, but the signal
frequency is very difficult to filter out interference, which is in the design requires a high degree of attention.
GND for the simulation of XPT7603, the pin must be received from a very clean place up, to avoid micro-
controller or digital signal processor then near. If it is possible, it would be preferable to a separate converter
to connect to the internal power supply (or batteries) take place. The layout will be the best converter and
other analog circuits placed in the same plane in a simulated manner.


Numéro de pièce similaire - XPT7603

FabricantNo de pièceFiches techniqueDescription
logo
SunLED Corporation
XPT1LUG41D SUNLED-XPT1LUG41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XPT1LUR41D SUNLED-XPT1LUR41D Datasheet
242Kb / 3P
   Black casing provides superior contrast
XPT1LUY41D SUNLED-XPT1LUY41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
More results

Description similaire - XPT7603

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com