Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB2016T2R2M Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce CB2016T2R2M
Description  WOUND CHIP INDUCTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CB2016T2R2M Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  CB2016T2R2M Datasheet HTML 1Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 2Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 3Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 4Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 5Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 6Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 7Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 8Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
186
B
2016 T 10 0 M △△△△
6
3
4
1
2
5
8
7
C
CB
巻線チップインダクタ
Y
超小型、大電流の巻線チップインダクタ
Y
実装性、特性において方向性のない形状
Y
DC/DC
コンバーター回路向け
用途 APPLICATIONS
形名表記法 ORDERING CODE
巻線チップインダクタ
WOUND CHIP INDUCTORS
CB SERIES
特長 FEATURES
Y
DVC, MD, PDA
等の携帯AV機器,ディジタル機器
1
形式
5
公称インダクタンス hAHi
CB
Wound chip inductor
1
Type
5
Nominal InductancehAHi
example
1R0
1
100
10
101
100
*R=decimal point
FRW
小数点
1R0
1
100
10
101
100
OPERATING TEMP.
K
25VJ85C
Y
DVC, MD, PDA and other portable digital equipment.
Y
Small size wound chip inductor with high current.
Y
Demension without directional influence on mounterbility and characteris-
tics.
Y
For DC-DC converter circuit.
包装
T
テーピング
4
2012(0805)
2.0P1.25
2016(0806)
2.0P1.6
2518(1007)
2.5P1.8
3225(1210)
3.2P2.5
外径寸法 hmmi
3
T
Tape & Reel
Packaging
4
2012(0805)
2.0P1.25
2016(0806)
2.0P1.6
2518(1007)
2.5P1.8
3225(1210)
3.2P2.5
External Dimensions hmmi
3
Q
低 Rdc
C
大電流
L
低背
形状
2
Q
Low Rdc
C
High current Type
L
Low profile
Shape
2
M
M
20
M
M
20
6
インダクタンス許容差 hLi
6
Inductance Tolerances h%i
8
当社管理記号
QQQ
標準品
QW
スペース
Internal code
QQQ
Standard Products
8
QW
Blank space
7
個別仕様
Q
標準品
R
低 RDC 品
7
Special code
Q
Standard products
R
Low Rdc type


Numéro de pièce similaire - CB2016T2R2M

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
CB2016T2R2M TAIYO-YUDEN-CB2016T2R2M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Linear Technology
CB2016T2R2M LINER-CB2016T2R2M Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
logo
Linear Integrated Syste...
CB2016T2R2M LINEAR-CB2016T2R2M Datasheet
278Kb / 16P
   Dual Monolithic 300mA Synchronous Step-Down Regulaor
logo
Taiyo Yuden (U.S.A.), I...
CB2016T2R2M TAIYO-YUDEN-CB2016T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T2R2M TAIYO-YUDEN-CB2016T2R2M Datasheet
361Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
More results

Description similaire - CB2016T2R2M

FabricantNo de pièceFiches techniqueDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com