Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB2518T2R2M Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce CB2518T2R2M
Description  WOUND CHIP INDUCTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CB2518T2R2M Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CB2518T2R2M Datasheet HTML 5Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 6Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 7Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 8Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 9Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 10Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 11Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 12Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
199
5
Item
Specified Value
Test Methods and Remarks
LEM2520
Measuring equipment
:Network analyzer
f
Anritsu MS620J or its equivalentg
LBYLBCYCBYCBCYCBL Series
Measuring equipment
:Impedance analyzer
f
HP4291A or its equivalentg
LBH1608 Series
Measuring equipment
:Network analyzer
f
HP8720B or its equivalentg
RELIABILITY DATA
  
2/8
Q
L/L
C
WithinM15L
No breakdown or damage
8.Temperature Char-
acteristic
△L/L→
WithinM5L
9.Rasistance to Flex-
ure of Substrate
10.Body Strength
7.Self-Resonant
Frequency
11.Self Resonant
Freguency
Q
L/L
C
WithinM5L
※△L/LC
WithinM0.5nH
under 8.2nH
Within the specified tolerance
No breakdown or damage
△L/L→WithinK10L
Change of maximum inductance deviation
in step 1K5
*Exclude CM03MS series
Step
Temperture fCg
120
2
K
25
320 fReference temperatureg
4
J
85 fMaximum operating temperatureg
520
Warp: 2mm (LBC, LB, CB, CBC, CBL, LBH Series)
Warp: 3mm (LEM2520)
Test substrate: Printed board
Accoding to JIS C0051
Applide forde
:15N
Duration
:5sec.
LBYLBCYCBYCBCYCBLYLBHYLEM2520
Applide forde
:10N
Duration
:10sec.
LB1608
Applide forde
:5N
Duration
:10sec.
Measure inductance with application of rated
current using LCR metre to cpmpare it with
the initial value. f* Excluding 5N6VR10g
Pressig jig
Board
△L/L→WithinK30L
3225
2518
2016
Q
L/L
C
WithinM20L
2012
Q
L/L
C
WithinM30L
Q
L/L
C
WithinM15L
2518
2016
Q
L/L
C
WithinM20L
2012
Q
L/L
C
WithinM30L
LEM2520
LBH1608
LB2518
LB2016
LB2012
LB1608
LBC2518
LBC2016
LBC2012
CB2518
CB2016
CB2012
CBC3225
CBC2518
CBC2016
CBC2012
CBL2012
△L/L→
WithinM15L
Q
L/L
C
WithinK10L


Numéro de pièce similaire - CB2518T2R2M

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
CB2518T2R2M TAIYO-YUDEN-CB2518T2R2M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
CB2518T2R2M TAIYO-YUDEN-CB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T2R2M TAIYO-YUDEN-CB2518T2R2M Datasheet
361Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CB2518T2R2M8 TAIYO-YUDEN-CB2518T2R2M8 Datasheet
286Kb / 3P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CB]
CB2518T2R2MV TAIYO-YUDEN-CB2518T2R2MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results

Description similaire - CB2518T2R2M

FabricantNo de pièceFiches techniqueDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com