Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAWTEK855914 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce SAWTEK855914
Description  326.4 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SAWTEK855914 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  SAWTEK855914 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAWTEK855914 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAWTEK855914 Datasheet HTML 3Page - List of Unclassifed Manufacturers SAWTEK855914 Datasheet HTML 4Page - List of Unclassifed Manufacturers SAWTEK855914 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet
Part Number 855914
326.4 MHz SAW Filter
Subject to change or obsolescence without notice
Rev C
09-Sep-2002
Page 4 of 5
Matching Schematics
Actual matching values may vary due to PCB layout and parasitics
50
Single-ended
1,2,3,5,6,7
8,9,11,12
50
18pf
27nH
33pf
10
4
50
Marking
PCB Footprint
Date code
855914
SAWTEK
ID dot
XXXXXX
5.71
.99
7.21
1.34
1.34
.99
.28
.28
The date code consists of: day of the current year (Julian,
3 digits), last digit of the year (1 digit) and hour (2 digits)
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
Section A-A
0.3
2.2
7.3
5.8
Ø1.5
8.0
4.0
2.0
A
A
Ø1.5
16.0
7.5
1.75
ID dot
2.0
Ø13.0
Ø20.2
Ø330
16.8
2.7
Direction of travel
Ø102
Dimensions shown are nominal in millimeters
Packaging quantity: 3000 units/reel


Numéro de pièce similaire - SAWTEK855914

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
   Superior high Flux for High Voltage System
SAW0L7PA SEOUL-SAW0L7PA Datasheet
859Kb / 23P
   Superior high Flux for High Current System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
More results

Description similaire - SAWTEK855914

FabricantNo de pièceFiches techniqueDescription
logo
TriQuint Semiconductor
855914 TRIQUINT-855914_15 Datasheet
409Kb / 5P
   326.4 MHz SAW Filter
logo
API Technologies Corp
SF0326BA03198S APITECH-SF0326BA03198S Datasheet
222Kb / 3P
   326.4 MHz SAW Filter 10 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0326BA03198S SPECTRUM-SF0326BA03198S Datasheet
222Kb / 3P
   326.4 MHz SAW bandpass filter with 10 MHz bandwidth
logo
API Technologies Corp
SF0326CD21924S APITECH-SF0326CD21924S Datasheet
69Kb / 2P
   326.4 MHz Filter for UMTS Applications
logo
Integrated Circuit Syst...
SF0326CD21924S ICST-SF0326CD21924S Datasheet
68Kb / 2P
   326.4 MHz Filter for UMTS Applications
logo
Spectrum Microwave, Inc...
SF0326CD21924S SPECTRUM-SF0326CD21924S Datasheet
69Kb / 2P
   326.4 MHz Filter for UMTS Applications
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com