Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


HMC500LP3 Datasheet(Fiches technique) 3 Page - Hittite Microwave Corporation

Numéro de pièce HMC500LP3
Description  GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo 

   
 3 page
background image
13
13 - 36
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs. Temperature
Output Noise vs. Temperature
Output Noise vs.
Phase Settings @ F= 2 GHz
Input P1dB vs. Temperature
Group Delay
-170
-168
-166
-164
-162
-160
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-180
-178
-176
-174
-172
-170
-168
-166
-164
-162
-160
-158
-156
-154
-152
-150
0
45
90
135
180
225
270
315
360
PHASE SETTING (DEGREES)
10
12
14
16
18
20
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
26
28
30
32
34
36
38
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
620
640
660
680
700
720
740
760
1.7
1.8
1.9
2
2.1
2.2
2.3
FREQUENCY (GHz)
Linear Gain vs. Phase Setting
0
0.2
0.4
0.6
0.8
1
0
30
60
90
120
210
240
270
300
330
GaAs HBT VECTOR
MODULATOR 1.8 - 2.2 GHz
v01.0705
HMC500LP3 / 500LP3E




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
HMC135GaAs MMIC BI-PHASE MODULATOR 1.8 - 5.2 GHz 1 2 3 4 Hittite Microwave Corporation
HMC402MS8HIGH IP3 GaAs MMIC MIXER 1.8 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC394LP4GaAs HBT PROGRAMMABLE 5-BIT COUNTER DC - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC413QS16GGaAs InGaP HBT MMIC POWER AMPLIFIER 1.6 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC414MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 2.2 - 2.8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC485MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC370LP4SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER 14.4 - 16.4 GHz OUTPUT 1 2 3 4 5 MoreHittite Microwave Corporation
HMC465LP5GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
SCA-7DC-3 GHz Cascadable GaAs HBT MMIC Amplifier 1 2 3 Stanford Microdevices
HMC326MS8GGaAs InGaP HBT MMIC DRIVER AMPLIFIER 3.0 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl